Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4202SQ Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM4202SQ
Description  5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4202SQ Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM4202SQ Datasheet HTML 1Page - RF Micro Devices RFFM4202SQ Datasheet HTML 2Page - RF Micro Devices RFFM4202SQ Datasheet HTML 3Page - RF Micro Devices RFFM4202SQ Datasheet HTML 4Page - RF Micro Devices RFFM4202SQ Datasheet HTML 5Page - RF Micro Devices RFFM4202SQ Datasheet HTML 6Page - RF Micro Devices RFFM4202SQ Datasheet HTML 7Page - RF Micro Devices RFFM4202SQ Datasheet HTML 8Page - RF Micro Devices RFFM4202SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2 of 15
RFFM4202
DS120427
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (RF Applied)
-0.5 to +5.25
V
Supply Voltage (No RF Applied)
-0.5 to +6.0
V
DC Supply Current (RMS)
1200
mA
Input RF Power with 50
 Output Load.
+10
dBm
Maximum VSWR with no Damage
10:1
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Maximum Juction Temperature TJ-MAX
175
°C
Moisture Sensitivity
MSL3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Typical Conditions
T=25 °C, V
CC =5.0 V, V
REG=2.9V, using an IEEE802.11g
waveform, 54MBps, unless otherwise noted
Tx Performance - 11g/n
Compliance with standard 802.11g/n
Frequency
2412
2484
MHz
802.11n Output Power
27
27.5
dBm
802.11n HT20 and HT40 MCS7
802.11n Dynamic EVM
2.5
3
%
802.11g Output Power
27.3
27.8
dBm
At VCC = 5.25V; 802.11n HT20 and HT40 MCS7
802.11n Dynamic EVM
2.5
3
%
802.11g Output Power
27.5
28
dBm
802.11g 64QAM 54MBps
802.11n Dynamic EVM
2.5
3
%
Second Harmonic
-40
-32
dBm/MHz 11n HT40 MCS0/7 at rated POUT
Third Harmonic
-50
-40
dBm/MHz 11n HT40 MCS0/7 at rated POUT
Tx Performance - Spectral Mask
Compliance with standard 802.11b
802.11b Output Power
27.5
dBm
Meet 802.11b CCK 1MBps mask spec
802.11n Output Power
27
27.5
dBm
Meet 802.11n HT20/HT40 MSC7 mask
Tx Performance - Generic
Gain
31.5
34
37
dB
At rated POUT
Gain variation over Temperature
+/-2.5
dB
Over temperature of -40°C to +85°C
Low Gain Mode - Gain Reduction
23
dB
Drop in gain vs. high gain mode by setting
VREG2 = 0V
Power Detect Range
0.165
2.3
V
POUT = 5dBm to 30dBm
Power Detect Voltage
1.55
V
At rated POUT
Input Return Loss - Tx_in pin
10
15
dB
In specified frequency band
Output Return Loss at ANT Pin
6
8
dB
In specified frequency band
Operating Current
925
1050
mA
At rated POUT
Quiescent Current
510
600
mA
VCC = 5.0V, VREG = 2.9V, and RF = OFF
PAE (Power Added Efficiency)
17
%
At rated POUT (PA only)
IREG
7
10
mA
In TX mode
PDOWN Current - VREG Supply
10
12.5
mA
PDOWN = 0V, VREG = 2.9V, VCC = 5V
PDOWN Current - VCC Supply
1.4
2.5
mA
PDOWN = 0V, VREG = 2.9V, VCC = 5V
Leakage Current
0.2
0.6
mA
VCC = 5V, VREG = 0V, PDOWN = 0V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.


Similar Part No. - RFFM4202SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200PCK-410 RFMD-RFFM4200PCK-410 Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200SB RFMD-RFFM4200SB Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200SQ RFMD-RFFM4200SQ Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200SR RFMD-RFFM4200SR Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
More results

Similar Description - RFFM4202SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM7600 RFMD-RFFM7600 Datasheet
1Mb / 12P
   5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
RFFM4201 RFMD-RFFM4201 Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482E RFMD-RFFM3482E Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM4203 RFMD-RFFM4203 Datasheet
519Kb / 8P
   3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com