Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4202TR7 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM4202TR7
Description  5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4202TR7 Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM4202TR7 Datasheet HTML 1Page - RF Micro Devices RFFM4202TR7 Datasheet HTML 2Page - RF Micro Devices RFFM4202TR7 Datasheet HTML 3Page - RF Micro Devices RFFM4202TR7 Datasheet HTML 4Page - RF Micro Devices RFFM4202TR7 Datasheet HTML 5Page - RF Micro Devices RFFM4202TR7 Datasheet HTML 6Page - RF Micro Devices RFFM4202TR7 Datasheet HTML 7Page - RF Micro Devices RFFM4202TR7 Datasheet HTML 8Page - RF Micro Devices RFFM4202TR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4 of 15
RFFM4202
DS120427
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Pin Names and Description
Pin
Function
Description
1VRX
Switch control for Rx mode
2RX
RF Output is internally matched to 50
 and DC blocked.
3GND
Ground connection
4PDET
Power detector provides an output voltage proportional to the RF output power level.
5VREG3
Third stage bias voltage. This Pin requires regulated supply for best performance.
6VREG2
Second stage bias voltage. This Pin requires regulated supply for best performance.
7VREG1
First stage bias voltage. This Pin requires regulated supply for best performance.
8PDOWN
Power down pin. Apply <0.3VDC to power down the three power amplifier stages. Apply 1.75VDC to
5.0VDC to power up. If function is not desired, Pin may be connected to VREG.
9GND
Ground connection
10
TXIN
RF input is internally matched to 50
 and DC blocked.
11
GND
Ground connection
12
GND
Ground connection
13
VBIAS
Supply voltage for the bias reference and control circuits.
14
VCC1
This pin is connected internally to the collector of the 1st stage RF device. To achieve specified perfor-
mance, the layout of these pins should match the Recommended Land Pattern.
15
GND
Ground connection
16
VCC2
This pin is connected internally to the collector of the 2nd stage RF device. To achieve specified perfor-
mance, the layout of these pins should match the Recommended Land Pattern.
17
VCC3
This pin is connected internally to the collector of the 3rd stage RF device. To achieve specified perfor-
mance, the layout of these pins should match the Recommended Land Pattern.
18
GND
Ground connection
19
GND
Ground connection
20
VTX
Switch control for Tx mode
21
GND
Ground connection
22
GND
Ground connection
23
ANT
RF Output is internally matched to 50
 and DC blocked.
24
GND
Ground connection
Pkg Base
GND
Ground connection


Similar Part No. - RFFM4202TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200PCK-410 RFMD-RFFM4200PCK-410 Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200SB RFMD-RFFM4200SB Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200SQ RFMD-RFFM4200SQ Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200SR RFMD-RFFM4200SR Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
More results

Similar Description - RFFM4202TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM7600 RFMD-RFFM7600 Datasheet
1Mb / 12P
   5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
RFFM4201 RFMD-RFFM4201 Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482E RFMD-RFFM3482E Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM4203 RFMD-RFFM4203 Datasheet
519Kb / 8P
   3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com