Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3865 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3865
Description  Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3865 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3865_15 Datasheet HTML 4Page - Linear Technology LTC3865_15 Datasheet HTML 5Page - Linear Technology LTC3865_15 Datasheet HTML 6Page - Linear Technology LTC3865_15 Datasheet HTML 7Page - Linear Technology LTC3865_15 Datasheet HTML 8Page - Linear Technology LTC3865_15 Datasheet HTML 9Page - Linear Technology LTC3865_15 Datasheet HTML 10Page - Linear Technology LTC3865_15 Datasheet HTML 11Page - Linear Technology LTC3865_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LTC3865/LTC3865-1
8
3865fb
TYPICAL PERFORMANCE CHARACTERISTICS
Undervoltage Lockout Threshold
(INTVCC) vs Temperature
Oscillator Frequency
vs Input Voltage
Shutdown Current
vs Input Voltage
Shutdown Current vs Temperature
Quiescent Current vs Temperature
without EXTVCC
TEMPERATURE (°C)
–50
–25
0
2
5
0
50
75
3865 G18
1
4
3
25
100
125
FALLING
RISING
INPUT VOLTAGE (V)
4
450
470
490
510
10
16
22
28
3865 G19
34
530
550
460
480
500
520
540
40
INPUT VOLTAGE (V)
05
0
20
50
10
20
25
3865 G20
10
40
30
15
30
35
40
TEMPERATURE (°C)
–50
–25
0
2
5
0
50
75
3865 G22
1
4
3
25
100
125
VIN = 15V
TEMPERATURE (°C)
–50
–25
0
20
50
0
50
75
3865 G21
10
40
30
25
100
125
VIN = 15V
Regulated Feedback Voltage
vs Temperature
Oscillator Frequency
vs Temperature
TEMPERATURE (°C)
–50
100
200
400
500
600
50
1000
3865 G17
300
0
–25
75
100
25
125
700
800
900
VFREQ = INTVCC
VFREQ = 1.2V
VFREQ = 0V
TEMPERATURE (°C)
–50
0.604
0.606
0.608
25
75
3865 G16
0.602
0.600
–25
0
50
100
125
0.598
0.596
Shutdown (RUN) Threshold
vs Temperature
TEMPERATURE (°C)
–50
–25
1.0
1.2
1.5
0
50
75
3865 G15
1.1
1.4
1.3
25
100
125
OFF
ON


Similar Part No. - LTC3865_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3865-1 LINER-LTC3865-1 Datasheet
481Kb / 36P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3865-1 LINER-LTC3865-1_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
More results

Similar Description - LTC3865_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3865-1 LINER-LTC3865-1_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3865 LINER-LTC3865 Datasheet
481Kb / 36P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856_15 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3802 LINER-LTC3802_15 Datasheet
356Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3802 LINER-LTC3802 Datasheet
346Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com