Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6201 Datasheet(PDF) 1 Page - Rohm

Part # S6201
Description  SiC Schottky Barrier Diode Bare Die
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

S6201 Datasheet(HTML) 1 Page - Rohm

  S6201 Datasheet HTML 1Page - Rohm S6201 Datasheet HTML 2Page - Rohm S6201 Datasheet HTML 3Page - Rohm S6201 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
S6201
SiC Schottky Barrier Diode Bare Die
*1 Limited by Tj *2 PW=8.3ms sinusoidal, Tj=25°C *3 PW=10
ms square, Tj=25°C
*4 PW=8.3ms sinusoidal, Tj=150°C *5 Duty cycle=10%, limited by Tj
A
°C
°C
Tj
Tstg
175
-55 to +175
Range of storage temperature
lAbsolute maximum ratings (Tj = 25°C)
Surge no repetitive forward current
Reverse voltage (repetitive peak)
Reverse voltage (DC)
Continuous forward current
Value
Repetitive peak forward current
Junction temperature
VR
IF
IFSM
IFRM
650
650
6*
1
26*
5
24*
2
91*
3
18*
4
A
Symbol
lConstruction
Silicon carbide epitaxial planer type
Schottky diode
Parameter
V
V
A
A
A
VRM
Unit
650V
6A*
1
VR
IF
QC
lFeatures
9nC
1) Shorter recovery time
3) High-speed switching possible
lInner circuit
2) Reduced temperature dependence
(C) Cathode
(A) Anode
(C)
(A)
1/3
2014.05 - Rev.A


Similar Part No. - S6201

ManufacturerPart #DatasheetDescription
logo
EnOcean GmbH.
S6201-K516 ENOCEAN-S6201-K516 Datasheet
119Kb / 1P
   Easyfit Multisensor
September 2020
S6201-K516 ENOCEAN-S6201-K516 Datasheet
134Kb / 1P
   Multisensor Module
September 2020
More results

Similar Description - S6201

ManufacturerPart #DatasheetDescription
logo
Rohm
S6203 ROHM-S6203 Datasheet
436Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6301 ROHM-S6301 Datasheet
437Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6306 ROHM-S6306 Datasheet
438Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6202 ROHM-S6202 Datasheet
436Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6302 ROHM-S6302 Datasheet
512Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6204 ROHM-S6204 Datasheet
500Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6304 ROHM-S6304 Datasheet
437Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6401 ROHM-S6401 Datasheet
976Kb / 5P
   SiC Schottky Barrier Diode Bare Die
S6404 ROHM-S6404 Datasheet
986Kb / 5P
   SiC Schottky Barrier Diode Bare Die
S6403 ROHM-S6403 Datasheet
984Kb / 5P
   SiC Schottky Barrier Diode Bare Die
S6205 ROHM-S6205 Datasheet
437Kb / 4P
   SiC Schottky Barrier Diode Bare Die
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com