Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4551 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM4551
Description  4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4551 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM4551 Datasheet HTML 1Page - RF Micro Devices RFFM4551 Datasheet HTML 2Page - RF Micro Devices RFFM4551 Datasheet HTML 3Page - RF Micro Devices RFFM4551 Datasheet HTML 4Page - RF Micro Devices RFFM4551 Datasheet HTML 5Page - RF Micro Devices RFFM4551 Datasheet HTML 6Page - RF Micro Devices RFFM4551 Datasheet HTML 7Page - RF Micro Devices RFFM4551 Datasheet HTML 8Page - RF Micro Devices RFFM4551 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150211
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 10
RFFM4551
Parameter
Specification
Unit
Condition
Min
Typ
Max
Transmit (TX-ANT) (continued)
VCC = 3.3V, T = +25ºC
f = 5.15GHz - 5.925 GHz
PA_EN = High, LNA_EN = Low, CRX = Low
Unless otherwise noted
Operating Current
260
mA
POUT = 17.0dBm, 802.11ac MCS9 HT80
T = 25ºC, VCC = 3.3V
290
mA
POUT = 18.0dBm, 802.11ac MCS7 HT20/40
T = 25ºC, VCC = 3.3V
330
mA
POUT = 21.0dBm, 802.11n MCS0 HT20
T = 25ºC, VCC = 3.3V
Quiescent Current
200
mA
RF=Off, T = 25ºC, VCC = 3.3V
Second Harmonic
-40
-35
dBm/MHz
POUT = 21dBm, measured with a standard 802.11a
6Mbps waveform, Frequency 5.15 to 5.29GHz
-47
-40
dBm/MHz
POUT = 21dBm, measured with a standard 802.11a
6Mbps waveform, Frequency 5.30 to 5.925GHz
Third Harmonic
-55
-50
dBm/MHz
POUT = 21dBm, measured with a standard 802.11a
6Mbps waveform across full frequency band.
Out Of Band Gain
-10
-5
dB
@ 3.2 to 3.9GHz
19
22
dB
@ 7GHz
0
5
dB
@1.60 to 1.95 GHz
Power Detector Voltage
0.30
V
POUT = 0dBm, RF OFF
0.75
V
POUT = 17.0dBm, 802.11ac MCS9 HT80
0.85
V
POUT = 18.0dBm, 802.11ac MCS9 HT80
1.0
V
POUT = 21.0dBm, 802.11ac MCS0 HT20
Isolation ANT-RX: Transmit Mode
20
dB
PA_EN = High, LNA_EN = Low, CRX = Low
Receive (ANT-RX)
LNA On Mode
VCC = 3.3V, T = +25ºC
f = 5.15GHz - 5.925 GHz
PA_EN = Low, LNA_EN = High, CRX =High
Unless otherwise noted
Gain
11
14
dB
Noise Figure
2.5
3.3
dB
RX Port Return Loss
8
12
dB
ANT Port Return Loss
5
12
dB
Input P1dB
-5
dBm
RX Operating Current
12
20
mA
Out of Band rejection
15
dB
@ 2.4 to 2.5GHz
Receive (ANT-RX)
LNA Bypass Mode
VCC = 3.3V, T = +25ºC
f = 5.15GHz - 5.925 GHz
PA_EN = Low, LNA_EN = Low, CRX = High
Unless otherwise noted
Bypass Loss
8
6
5
dB
RX Port Return Loss
10
15
dB
ANT Port Return Loss
10
12
dB
Input P1dB
20
dBm
Out of Band rejection
15
dB
@ 2.4 to 2.5GHz
General Specifications
VCC = 3.3V, T = +25ºC
LNA_EN Control Current
150
uA
CRX Control Current
1
uA


Similar Part No. - RFFM4551

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4551 QORVO-RFFM4551 Datasheet
135Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4551PCK-410 QORVO-RFFM4551PCK-410 Datasheet
135Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4551SB QORVO-RFFM4551SB Datasheet
135Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4551SQ QORVO-RFFM4551SQ Datasheet
135Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4551SR QORVO-RFFM4551SR Datasheet
135Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
More results

Similar Description - RFFM4551

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4551 QORVO-RFFM4551 Datasheet
135Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4552 QORVO-RFFM4552 Datasheet
207Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4554 QORVO-RFFM4554 Datasheet
162Kb / 2P
   Wi-Fi Integrated Front End Module 4.9GHz to 5.925GHz
logo
RF Micro Devices
RFFM4503 RFMD-RFFM4503 Datasheet
354Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
logo
Qorvo, Inc
RFFM4503 QORVO-RFFM4503 Datasheet
354Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
logo
RF Micro Devices
RFFM4552 RFMD-RFFM4552 Datasheet
580Kb / 12P
   802.11a/n/ac Wi-Fi Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com