Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4551 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM4551
Description  4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4551 Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM4551 Datasheet HTML 1Page - RF Micro Devices RFFM4551 Datasheet HTML 2Page - RF Micro Devices RFFM4551 Datasheet HTML 3Page - RF Micro Devices RFFM4551 Datasheet HTML 4Page - RF Micro Devices RFFM4551 Datasheet HTML 5Page - RF Micro Devices RFFM4551 Datasheet HTML 6Page - RF Micro Devices RFFM4551 Datasheet HTML 7Page - RF Micro Devices RFFM4551 Datasheet HTML 8Page - RF Micro Devices RFFM4551 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150211
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 10
RFFM4551
4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi
Front End Module
The RFFM4551 provides a complete integrated solution in a single
front end module (FEM) for Wi-Fi 802.11a/n/ac systems. The ultra-
small factor and integrated matching minimizes layout area in the
customer’s application and greatly reduces the number of external
components. Performance is focused on linear output power under a
number of conditions including duty cycle and packet length while
balancing power consumption needs of leading edge device
platforms. This simplifies the total front end solution by reducing the
bill of materials, system footprint, and manufacturing cost.
The RFFM4551 integrates a 5GHz power amplifier (PA), single pole
two throw switch (SP2T) and an LNA with bypass. Also this FEM
includes integrated 2
nd and 3rd Harmonic filters and integrated out of
band rejection filters. The device is provided in a 3.0mm x 3.0mm x
1.0mm, 16-pin laminate package. This module meets or exceeds the
RF front end needs of IEEE 802.11a/n/ac Wi-Fi RF systems.
Ordering Information
RFFM4551SB
Standard 5-piece sample bag
RFFM4551SQ
Standard 25-piece sample bag
RFFM4551SR
Standard 100-piece reel
RFFM4551TR7
Standard 2500-piece reel
RFFM4551PCK-410
Fully assembled evaluation board w/5 piece bag
Package: Laminate, 16-pin,
3.0mm x 3.0mm x 0.975mm
Features
■ 3.3V Operation
■ P
OUT = +17.0dBm at 3.3V,
802.11ac MCS9 HT80 at 1.8%
Dynamic EVM Compliance
■ P
OUT = +18.0dBm at 3.3V, 802.11n
MCS7 HT20/40 at 3.0% Dynamic
EVM Compliance
■ P
OUT = +19.0dBm at 3.3V, MCS0
HT20, HT40, and HT80 at Spectral
Mask Compliance
■ Integrated 2nd and 3rd Harmonic
filters & Integrated out of band
rejection filters.
Integrated RX notch filter @
2.5GHz for DBDC operation.
■ Integrated 5GHz PA, SP2T, LNA
with Bypass and Power Detector
Coupler.
Applications
■ Customer Premise Equipment
■ Set-Top Boxes
■ Netbooks/Notebooks
■ Mobile Routers/Access Points
■ Data Cards
■ TV/Monitors/Video
Functional Block Diagram
RFFM4551


Similar Part No. - RFFM4551

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4551 QORVO-RFFM4551 Datasheet
135Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4551PCK-410 QORVO-RFFM4551PCK-410 Datasheet
135Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4551SB QORVO-RFFM4551SB Datasheet
135Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4551SQ QORVO-RFFM4551SQ Datasheet
135Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4551SR QORVO-RFFM4551SR Datasheet
135Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
More results

Similar Description - RFFM4551

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4551 QORVO-RFFM4551 Datasheet
135Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4552 QORVO-RFFM4552 Datasheet
207Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4554 QORVO-RFFM4554 Datasheet
162Kb / 2P
   Wi-Fi Integrated Front End Module 4.9GHz to 5.925GHz
logo
RF Micro Devices
RFFM4503 RFMD-RFFM4503 Datasheet
354Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
logo
Qorvo, Inc
RFFM4503 QORVO-RFFM4503 Datasheet
354Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
logo
RF Micro Devices
RFFM4552 RFMD-RFFM4552 Datasheet
580Kb / 12P
   802.11a/n/ac Wi-Fi Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com