Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4040 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4040
Description  2.5A Battery Backup Power Manager
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4040 Datasheet(HTML) 5 Page - Linear Technology

  LTC4040_15 Datasheet HTML 1Page - Linear Technology LTC4040_15 Datasheet HTML 2Page - Linear Technology LTC4040_15 Datasheet HTML 3Page - Linear Technology LTC4040_15 Datasheet HTML 4Page - Linear Technology LTC4040_15 Datasheet HTML 5Page - Linear Technology LTC4040_15 Datasheet HTML 6Page - Linear Technology LTC4040_15 Datasheet HTML 7Page - Linear Technology LTC4040_15 Datasheet HTML 8Page - Linear Technology LTC4040_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTC4040
5
4040fa
For more information www.linear.com/LTC4040
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. (Note 3) VIN = 5V, VBAT = 3.6V, RPROG = 2k, unless otherwise noted.
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Open-Drain Output (CHRG, RST, FAULT)
Pin Leakage Current
V = 5V
1
µA
Pin Output Low Voltage
I = 5mA
65
mV
Overvoltage Protection
VOV(CUTOFF) Overvoltage Protection Threshold
Rising Threshold, ROVSNS = 6.2k
6.1
6.4
6.7
V
VOVGT
IGATE Output Voltage Active
Input Voltage < VOV(CUTOFF)
1.88 •
VOVSNS
12
V
VOVGT(LOAD) IGATE Voltage Under Load
5V Through 6.2k Into OVSNS, IIGATE = 1µA
8
8.6
V
IOVSNSQ
OVSNS Quiescent Current
VOVSNS = 5V
40
µA
OVSNS Quiescent Current at Shutdown
BSTOFF = H, CHGOFF = H
25
µA
IGATE Time to Reach Regulation
CIGATE = 2.2nF
3.5
ms
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 3: The LTC4040E is tested under pulsed load conditions such that
TJ ≈ TA. The LTC4040E is guaranteed to meet performance specifications
from 0°C to 85°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process control. The
LTC4040I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The junction temperature (TJ in °C) is calculated from
the ambient temperature (TA, in °C) and power dissipation (PD, in watts)
according to the formula:
TJ = TA + (PD • θJA)
where the package thermal impedance
θJA = 43°C/W.
Note that the maximum ambient temperature consistent with these
specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal resistance and
other environmental factors.


Similar Part No. - LTC4040_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
   Battery Charger and Backup Power Manager
logo
Analog Devices
LTC4040 AD-LTC4040 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
More results

Similar Description - LTC4040_15

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2802QL-T ACTIVE-SEMI-ACT2802QL-T Datasheet
181Kb / 5P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 06-Nov-13
ACT2802 ACTIVE-SEMI-ACT2802 Datasheet
586Kb / 21P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2802 ACTIVE-SEMI-ACT2802_16 Datasheet
885Kb / 25P
   5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2802QL-T1026 ACTIVE-SEMI-ACT2802QL-T1026 Datasheet
897Kb / 25P
   5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
logo
Analog Devices
LTC4041 AD-LTC4041 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
LTC4040 LINER-LTC4040 Datasheet
347Kb / 6P
   Battery Charger and Backup Power Manager
LTC4091 LINER-LTC4091 Datasheet
629Kb / 26P
   36V Battery Charger and Power Backup Manager
logo
Active-Semi, Inc
ACT2801QL-T0550 ACTIVE-SEMI-ACT2801QL-T0550 Datasheet
591Kb / 21P
   5V/1.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com