Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM5765QSQ Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFFM5765QSQ
Description  Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM5765QSQ Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFFM5765QSQ Datasheet HTML 5Page - RF Micro Devices RFFM5765QSQ Datasheet HTML 6Page - RF Micro Devices RFFM5765QSQ Datasheet HTML 7Page - RF Micro Devices RFFM5765QSQ Datasheet HTML 8Page - RF Micro Devices RFFM5765QSQ Datasheet HTML 9Page - RF Micro Devices RFFM5765QSQ Datasheet HTML 10Page - RF Micro Devices RFFM5765QSQ Datasheet HTML 11Page - RF Micro Devices RFFM5765QSQ Datasheet HTML 12Page - RF Micro Devices RFFM5765QSQ Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9 of 15
RFFM5765Q
DS121126
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Application Schematic
12
11
10
9
8
7
6
5
4
3
2
1
16
15
14
13
VREG
PDET
TX_IN
C_RX
BT
VCC
C6
1µF
C7
180pF
RX_OUT
L1
1.1nH
C1
0.1µF
LNA_VDD
C_BWRX
C_BT
R1
5.6k
ANT
NC


Similar Part No. - RFFM5765QSQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM5765QSQ QORVO-RFFM5765QSQ Datasheet
898Kb / 15P
   Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
More results

Similar Description - RFFM5765QSQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM5765Q QORVO-RFFM5765Q Datasheet
898Kb / 15P
   Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
RFFM8250Q QORVO-RFFM8250Q Datasheet
288Kb / 8P
   WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
logo
RF Micro Devices
RFFM8250Q RFMD-RFFM8250Q Datasheet
272Kb / 8P
   WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
RF5325 RFMD-RF5325 Datasheet
698Kb / 12P
   3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com