Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM6204SB Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFFM6204SB
Description  2.0V to 4.0V, 2.4GHz Front End Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6204SB Datasheet(HTML) 7 Page - RF Micro Devices

  RFFM6204SB Datasheet HTML 1Page - RF Micro Devices RFFM6204SB Datasheet HTML 2Page - RF Micro Devices RFFM6204SB Datasheet HTML 3Page - RF Micro Devices RFFM6204SB Datasheet HTML 4Page - RF Micro Devices RFFM6204SB Datasheet HTML 5Page - RF Micro Devices RFFM6204SB Datasheet HTML 6Page - RF Micro Devices RFFM6204SB Datasheet HTML 7Page - RF Micro Devices RFFM6204SB Datasheet HTML 8Page - RF Micro Devices RFFM6204SB Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140808
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
7 of 9
RFFM6204
Pin Out
C_TX
RFN
RFP
2
3
4
1
11
10
9
12
16
15
14
13
5
7
6
8
ANT
GND
GND
CT
N/C
Package Outline and Branding Drawing (Dimensions in millimeters)


Similar Part No. - RFFM6204SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6204SB QORVO-RFFM6204SB Datasheet
571Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
More results

Similar Description - RFFM6204SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6205 QORVO-RFFM6205 Datasheet
353Kb / 8P
   2.0V to 4.0V, 2.4GHz Front End Module
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
logo
RF Micro Devices
RFFM6205 RFMD-RFFM6205 Datasheet
296Kb / 8P
   2.0V to 4.0V, 2.4GHz Front End Module
RFFM6201 RFMD-RFFM6201 Datasheet
786Kb / 9P
   2.0V TO 3.6V, 2.4GHZ FRONT END MODULE
logo
Qorvo, Inc
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
   2.0V TO 3.6V, 2.4GHz FRONT END MODULE
logo
RF Micro Devices
RF6555 RFMD-RF6555 Datasheet
727Kb / 10P
   2.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6525 RFMD-RF6525 Datasheet
1Mb / 11P
   3.0V TO 4.2V, 2.4GHz FRONT END MODULE
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
   3.0V to 4.2V, 2.4GHz Front End Module
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com