Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM6204SB Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM6204SB
Description  2.0V to 4.0V, 2.4GHz Front End Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6204SB Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM6204SB Datasheet HTML 1Page - RF Micro Devices RFFM6204SB Datasheet HTML 2Page - RF Micro Devices RFFM6204SB Datasheet HTML 3Page - RF Micro Devices RFFM6204SB Datasheet HTML 4Page - RF Micro Devices RFFM6204SB Datasheet HTML 5Page - RF Micro Devices RFFM6204SB Datasheet HTML 6Page - RF Micro Devices RFFM6204SB Datasheet HTML 7Page - RF Micro Devices RFFM6204SB Datasheet HTML 8Page - RF Micro Devices RFFM6204SB Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140808
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 9
RFFM6204
2.0V to 4.0V, 2.4GHz Front End Module
The RFFM6204 is a complete integrated solution in a single Front End
Module (FEM) for Zigbee® applications in the 2.4GHz to 2.5GHz band.
The ultra-small factor and integrated matching minimizes layout area in
the customer's application and greatly reduces the number of external
components. This simplifies the total front end solution by reducing the
bill of materials, system footprint, and manufacturing cost.
The FEM integrates a power amplifier (PA) plus harmonic filter in the
transmit (TX) path, a low noise amplifier (LNA) in the receive (RX) path,
and a low loss bidirectional through mode path. The RFFM6204
incorporates two single-pole triple-throw (SP3T) switches to provide a
single balanced TDD access and a single antenna port for TX, RX, and
through mode paths. The device is provided in a 2.5mm x 2.5mm x
0.5mm, 16-pin QFN package.
C_TX
RFN
RFP
2
3
4
1
11
10
9
12
16
15
14
13
5
7
6
8
PA
ANT
GND
GND
CT
N/C
Control
Logic
LNA
Functional Block Diagram
Ordering Information
RFFM6204SB
Standard 5 piece bag
RFFM6204SQ
Standard 25 piece bag
RFFM6204SR
Standard 100 piece reel
RFFM6204TR7
Standard 2500 piece reel
RFFM6204PCK-410
Fully assembled evaluation board w/5 pc bag
Package: QFN, 16-pin,
2.5mm x 2.5mm x 0.5mm
Features
■ Tx Output Power = 13dBm
■ Integrated RF Front End
Module with Rx/Tx Balun, PA,
Filter, LNA, Bidirectional Thru path
and 2-SP3T Switches
■ Single Bidirectional Differential
Transceiver Interface.
■ Voltage Range = 2.0V to 4.0V
■ Rx Noise Figure = 2.5dB
Applications
■ ZigBee® 802.15.4 Based Systems
for Remote Monitoring and Control
■ AA Battery Operation
■ 2.4GHz ISM Band Applications
■ Smart Meters for Energy
Management
RFFM6204


Similar Part No. - RFFM6204SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6204SB QORVO-RFFM6204SB Datasheet
571Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
More results

Similar Description - RFFM6204SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6205 QORVO-RFFM6205 Datasheet
353Kb / 8P
   2.0V to 4.0V, 2.4GHz Front End Module
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
logo
RF Micro Devices
RFFM6205 RFMD-RFFM6205 Datasheet
296Kb / 8P
   2.0V to 4.0V, 2.4GHz Front End Module
RFFM6201 RFMD-RFFM6201 Datasheet
786Kb / 9P
   2.0V TO 3.6V, 2.4GHZ FRONT END MODULE
logo
Qorvo, Inc
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
   2.0V TO 3.6V, 2.4GHz FRONT END MODULE
logo
RF Micro Devices
RF6555 RFMD-RF6555 Datasheet
727Kb / 10P
   2.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6525 RFMD-RF6525 Datasheet
1Mb / 11P
   3.0V TO 4.2V, 2.4GHz FRONT END MODULE
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
   3.0V to 4.2V, 2.4GHz Front End Module
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com