Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM6205SR Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM6205SR
Description  2.0V to 4.0V, 2.4GHz Front End Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6205SR Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM6205SR Datasheet HTML 1Page - RF Micro Devices RFFM6205SR Datasheet HTML 2Page - RF Micro Devices RFFM6205SR Datasheet HTML 3Page - RF Micro Devices RFFM6205SR Datasheet HTML 4Page - RF Micro Devices RFFM6205SR Datasheet HTML 5Page - RF Micro Devices RFFM6205SR Datasheet HTML 6Page - RF Micro Devices RFFM6205SR Datasheet HTML 7Page - RF Micro Devices RFFM6205SR Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150115
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 8
RFFM6205
Absolute Maximum Ratings
Parameter
Rating
Unit
Voltage
4.5
V
Operating Temperature
-40 to +125
°C
Storage Temperature
-40 to +150
°C
Maximum Input Power to PA
+20
dBm
Maximum Input Power to LNA
+5
dBm
ESD, HBM (Pin-to-GND)
500
V
ESD, CDM (Pin-to-GND)
500
V
Moisture Sensitivity
MSL 3
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Specifications must be met across supply voltage,
control voltage, and temperature ranges unless
otherwise specified
TX Frequency
2405
2485
MHz
RX Frequency
2405
2485
MHz
Bypass Frequency
2405
2485
MHz
ANT RF Port Impedance
50
RFIO Port Impedance
50
VBAT
2.0
3.0
4.0
V
Off Mode Current - Leakage
VDD_TX = 3.0V, C_EN = Low, VDD_RX = 3.0V,
C_TX = Low, C_RX = Low, C_BYP = Low, Temp =25°C
Supply Current - IDDTX
50
200
nA
Supply Current - IDDRX
50
200
nA
C_RX Current
1.0
nA
C_TX Current
1.0
nA
C_BYP Current
1.0
nA
Transmit Mode - Power
Amplifier
VDD_TX = 3.0V, C_EN = High, VDD_RX = 3.0V,
C_TX =High, C_RX =Low, C_BYP =Low, Temp =25°C
unless otherwise specified
Input Return Loss
10.0
dB
Output Return Loss
8.0
dB
Small Signal Gain
11.0
14.0
dB
Gain Flatness
-0.3
0.3
dB
Rated Output Power
15.0
dBm
VDD_TX = 4.0V
13.0
14.0
dBm
VDD_TX = 3.3V
12.5
13.5
dBm
VDD_TX = 3.0V
10.0
11.0
dBm
VDD_TX = 2.0V


Similar Part No. - RFFM6205SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6205SR QORVO-RFFM6205SR Datasheet
353Kb / 8P
   2.0V to 4.0V, 2.4GHz Front End Module
More results

Similar Description - RFFM6205SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6205 QORVO-RFFM6205 Datasheet
353Kb / 8P
   2.0V to 4.0V, 2.4GHz Front End Module
logo
RF Micro Devices
RFFM6204 RFMD-RFFM6204 Datasheet
303Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
logo
Qorvo, Inc
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
logo
RF Micro Devices
RFFM6201 RFMD-RFFM6201 Datasheet
786Kb / 9P
   2.0V TO 3.6V, 2.4GHZ FRONT END MODULE
logo
Qorvo, Inc
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
   2.0V TO 3.6V, 2.4GHz FRONT END MODULE
logo
RF Micro Devices
RF6555 RFMD-RF6555 Datasheet
727Kb / 10P
   2.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6525 RFMD-RF6525 Datasheet
1Mb / 11P
   3.0V TO 4.2V, 2.4GHz FRONT END MODULE
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
   3.0V to 4.2V, 2.4GHz Front End Module
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com