Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM6404 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM6404
Description  2.5V to 4.5V, ISM Band, 27.5dBm, 430MHz to 450MHz Transmit/Receive Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6404 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM6404 Datasheet HTML 1Page - RF Micro Devices RFFM6404 Datasheet HTML 2Page - RF Micro Devices RFFM6404 Datasheet HTML 3Page - RF Micro Devices RFFM6404 Datasheet HTML 4Page - RF Micro Devices RFFM6404 Datasheet HTML 5Page - RF Micro Devices RFFM6404 Datasheet HTML 6Page - RF Micro Devices RFFM6404 Datasheet HTML 7Page - RF Micro Devices RFFM6404 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140721
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 8
RFFM6404
Parameter
Specification
Unit
Condition
Min
Typ
Max
PA PAE
TBD
%
VCCTX=4.2V, POUT=29.5dBm (excludes losses of module filter and switches)
Input Return Loss
9
dB
Output Return Loss
7
dB
Receive Mode
Measured Path: SAW2 to RX, VCCTX=4.2V, VCCRX=4.2V,
VAPC=0.0V, EN=1.8V, TR=0.2V, BYP=0.2V, Temperature=25ºC
Gain
14.0
15.5
18.0
dB
Noise Figure
1.7
1.9
2.5
dB
IP1dB
-6.0
-3.5
dBm
IIP3
3
dBm
Operating Current
4.0
5.0
8.0
mA
Input Return Loss
10
dB
Output Return Loss
10
dB
Receive Bypass Mode
Measured Path: SAW2 to RX, VCCTX=4.2V, VCCRX=4.2V,
VAPC=0.0V, EN=1.8V, TR=0.2V, BYP=1.8V, Temperature=25ºC
Insertion Loss
2
5
dB
IP1dB
21.0
22.5
dBm
IIP3
44
47
dBm
1MHz Spacing
VccTX Supply Current
370
500
µA
VccRx Supply Current
70
200
µA
Input Return Loss
8
dB
Output Return Loss
8
dB
Antenna Switch
Measured Path: ANT to SAW1, RX & RX Bypass Modes
Insertion Loss
0.5
dB
IP1dB
33
dB
IIP3
54
dB
Input Return Loss
17
dB
Output Return Loss
17
dB
Isolation
Isolation
30
dB
ANT to SAW1, Transmit High Power Mode
Logic
EN, TR, BYP
Control Logic HIGH
1.6
4.3
V
Max Control Logic High = VCCTX/VCCRX - 0.2VDC
Control Logic LOW
0.2
0.3
V
Control Logic HIGH Current
10
500
nA
Control Logic LOW Current
0.1
µA
VAPC HIGH Current
50
100
µA
Across all rated voltages at rated power


Similar Part No. - RFFM6404

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6404 QORVO-RFFM6404 Datasheet
377Kb / 8P
   2.5V to 4.5V, ISM Band, 27.5dBm, 430MHz to 450MHz Transmit/Receive Module
RFFM6404PCK-410 QORVO-RFFM6404PCK-410 Datasheet
377Kb / 8P
   2.5V to 4.5V, ISM Band, 27.5dBm, 430MHz to 450MHz Transmit/Receive Module
RFFM6404SB QORVO-RFFM6404SB Datasheet
377Kb / 8P
   2.5V to 4.5V, ISM Band, 27.5dBm, 430MHz to 450MHz Transmit/Receive Module
RFFM6404SQ QORVO-RFFM6404SQ Datasheet
377Kb / 8P
   2.5V to 4.5V, ISM Band, 27.5dBm, 430MHz to 450MHz Transmit/Receive Module
RFFM6404SR QORVO-RFFM6404SR Datasheet
377Kb / 8P
   2.5V to 4.5V, ISM Band, 27.5dBm, 430MHz to 450MHz Transmit/Receive Module
More results

Similar Description - RFFM6404

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6404 QORVO-RFFM6404 Datasheet
377Kb / 8P
   2.5V to 4.5V, ISM Band, 27.5dBm, 430MHz to 450MHz Transmit/Receive Module
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
RF Micro Devices
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
Qorvo, Inc
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
   2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
RFFM6403 RFMD-RFFM6403 Datasheet
553Kb / 10P
   2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6406 QORVO-RFFM6406 Datasheet
440Kb / 8P
   2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6406 RFMD-RFFM6406 Datasheet
564Kb / 8P
   2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6500 QORVO-RFFM6500 Datasheet
610Kb / 9P
   2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com