Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTLM8110-M832D Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CTLM8110-M832D
Description  SILICON SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CTLM8110-M832D Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CTLM8110-M832D_15 Datasheet HTML 1Page - Central Semiconductor Corp CTLM8110-M832D_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CTLM8110-M832D
MULTI DISCRETE MODULE
SURFACE MOUNT P-CHANNEL
ENHANCEMENT-MODE SILICON MOSFET
AND
LOW VF SILICON SCHOTTKY RECTIFIER
ELECTRICAL CHARACTERISTICS - Q1 - Continued: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Qg(tot)
VDS=10V, VGS=4.5V, ID=1.0A
3.56
nC
Qgs
VDS=10V, VGS=4.5V, ID=1.0A
0.36
nC
Qgd
VDS=10V, VGS=4.5V, ID=1.0A
1.52
nC
Crss
VDS=16V, VGS=0, f=1.0MHz
80
pF
Ciss
VDS=16V, VGS=0, f=1.0MHz
200
pF
Coss
VDS=16V, VGS=0, f=1.0MHz
60
pF
ton
VDD=10V, VGS=4.5V, ID=0.95A, RG=6.0Ω
20
ns
toff
VDD=10V, VGS=4.5V, ID=0.95A, RG=6.0Ω
25
ns
ELECTRICAL CHARACTERISTICS - D1: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=5.0V
10
μA
IR
VR=8.0V
20
μA
IR
VR=15V
50
μA
BVR
IR=100μA
40
V
VF
IF=10mA
0.29
V
VF
IF=100mA
0.36
V
VF
IF=500mA
0.45
V
VF
IF=1.0A
0.55
V
CJ
VR=4.0V, f=1.0MHz
50
pF
TLM832D CASE - MECHANICAL OUTLINE
SUGGESTED MOUNTING PADS
For Maximum Power Dissipation
(Dimensions in mm)
For standard mounting refer
to TLM832D Package Details
LEAD CODE:
1) Gate Q1
2) Source Q1
3) Anode D1
4) Anode D1
5) Cathode D1
6) Cathode D1
7) Drain Q1
8) Drain Q1
MARKING CODE: CFR
PIN CONFIGURATION
* Note:
- Exposed pad P1 common to pins 7 and 8
- Exposed pad P2 common to pins 5 and 6
www.centr a lsemi.com
R2 (2-August 2011)


Similar Part No. - CTLM8110-M832D_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLM8110-M832D CENTRAL-CTLM8110-M832D Datasheet
538Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET AND LOW VF SILICON SCHOTTKY RECTIFIER
More results

Similar Description - CTLM8110-M832D_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLSH1-40M322 CENTRAL-CTLSH1-40M322_15 Datasheet
443Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLSH1-40M322S CENTRAL-CTLSH1-40M322S Datasheet
585Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLM7110-M832D CENTRAL-CTLM7110-M832D_15 Datasheet
603Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMHSH5-4 CENTRAL-CMHSH5-4_15 Datasheet
371Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLSH3-30M833S CENTRAL-CTLSH3-30M833S_15 Datasheet
600Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMIDSH1-3 CENTRAL-CMIDSH1-3_15 Datasheet
486Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMPSH1-4L CENTRAL-CMPSH1-4L_15 Datasheet
504Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMIDSH1-4 CENTRAL-CMIDSH1-4 Datasheet
474Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CMSH2-20L CENTRAL-CMSH2-20L_15 Datasheet
360Kb / 2P
   SILICON SCHOTTKY RECTIFIER
CTLSH3-30M833 CENTRAL-CTLSH3-30M833_15 Datasheet
668Kb / 2P
   SILICON SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com