Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTLTVS6V2 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CTLTVS6V2
Description  SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CTLTVS6V2 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CTLTVS6V2 Datasheet HTML 1Page - Central Semiconductor Corp CTLTVS6V2 Datasheet HTML 2Page - Central Semiconductor Corp CTLTVS6V2 Datasheet HTML 3Page - Central Semiconductor Corp CTLTVS6V2 Datasheet HTML 4Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CTLTVS6V2
SURFACE MOUNT SILICON
TRANSIENT VOLTAGE SUPPRESSOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CTLTVS6V2 is a
low leakage, fast response silicon TVS packaged in an
ultra small, ultra low profile TLM2D3D6 surface mount
case. This device is designed to protect sensitive
equipment against ESD damage.
MARKING CODE: S
FEATURES:
• Ultra small, ultra low profile 0.3mm x 0.6mm x 0.3mm
leadless surface mount package
• High peak pulse current capability
• Low leakage current
APPLICATIONS:
• User interface protection
• Voltage rail protection
• Data line protection
• Voltage clamping
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Power Dissipation (8x20μs)
PPK
35
W
ESD Voltage (IEC 61000-4-2, Air)
VESD
15
kV
ESD Voltage (IEC 61000-4-2, Contact)
VESD
8.0
kV
Operating and Storage Junction Temperature
TJ, Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C) VF=1.0V MAX @ IF=10mA
Maximum
Reverse
Stand-off
Voltage
VRWM
Breakdown
Voltage
VBR @ IT
Test
Current
IT
Maximum
Reverse
Leakage
Current
IR @ VRWM
Maximum
Clamping
Voltage
VC @ IPP
Peak
Pulse
Current
IPP
Typical
Junction
Capacitance
@ 0V Bias
CJ
V
MIN
V
NOM
V
MAX
V
mA
μA
V
A
pF
4.0
5.8
6.2
6.6
5.0
1.0
10.7
3.0
25
TLM2D3D6 CASE
R2 (2-April 2015)
www.centr a lsemi.com


Similar Part No. - CTLTVS6V2

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLTVS6V2 CENTRAL-CTLTVS6V2 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - CTLTVS6V2

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CFTVS5V0LC CENTRAL-CFTVS5V0LC Datasheet
875Kb / 4P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CFTVS5V0LC CENTRAL-CFTVS5V0LC Datasheet
982Kb / 3P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CTLTVS12 CENTRAL-CTLTVS12 Datasheet
503Kb / 2P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CTLTVS6V2 CENTRAL-CTLTVS6V2 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CMOTVS5V7 CENTRAL-CMOTVS5V7 Datasheet
896Kb / 3P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CMOTVS5V7 CENTRAL-CMOTVS5V7 Datasheet
872Kb / 4P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CTLTVS12 CENTRAL-CTLTVS12 Datasheet
424Kb / 3P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CMO5V0LC CENTRAL-CMO5V0LC Datasheet
872Kb / 4P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
CMATVS3V3 CENTRAL-CMATVS3V3 Datasheet
797Kb / 3P
   SURFACE MOUNT SILICON TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com