Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8209SQ Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFFM8209SQ
Description  WiFi Front-End Module 2.4GHz to 2.5GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8209SQ Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFFM8209SQ Datasheet HTML 2Page - RF Micro Devices RFFM8209SQ Datasheet HTML 3Page - RF Micro Devices RFFM8209SQ Datasheet HTML 4Page - RF Micro Devices RFFM8209SQ Datasheet HTML 5Page - RF Micro Devices RFFM8209SQ Datasheet HTML 6Page - RF Micro Devices RFFM8209SQ Datasheet HTML 7Page - RF Micro Devices RFFM8209SQ Datasheet HTML 8Page - RF Micro Devices RFFM8209SQ Datasheet HTML 9Page - RF Micro Devices RFFM8209SQ Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140421
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 10
RFFM8209
Timing Sequence Notes:
802.11a/n/ac Transmit Biasing Instructions
1.
Connect the FEM to a signal generator at the input and a spectrum analyzer at the output. Terminate
unused ports with 50 Ohms
2.
Set the power supply voltage to 3.6V first with PA_EN < 0.4V. Leakage current should be <10uA.
3.
Refer to switch operational truth table to set the control lines at the proper levels for TX High Power. All
OFF voltages must be < 0.2V (cannot be floating.)
4.
Turn on PA_EN with levels indicated in the datasheet. PA_EN controls the current drawn by the
802.11a/n/ac power amplifier and the current should quickly rise to ~200mA (or 255mA @ 5V) +/- 20mA
for a typical part but the actual operating current will be based on the output power desired.
802.11a/n/ac Transmit Turn On Sequence (See Transmit Timing Diagram)
1. Turn ON power supply.
2. Turn ON PA_EN.
3. Apply RF.
802.11a/n/ac Transmit Turn Off Sequence
1. Turn OFF RF.
2. Turn OFF PA_EN.
3. Turn OFF power supply.
802.11a/n/ac Receive
1. To receive WiFi set the switch control lines per the truth table.
2. Antenna port is input and RX port is output for this test.
3. Follow Timing Diagram for biasing instructions.


Similar Part No. - RFFM8209SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM8200 RFMD-RFFM8200 Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200PCK-410 RFMD-RFFM8200PCK-410 Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200SB RFMD-RFFM8200SB Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200SR RFMD-RFFM8200SR Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200TR7 RFMD-RFFM8200TR7 Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
More results

Similar Description - RFFM8209SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com