Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8250QSQ Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM8250QSQ
Description  WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8250QSQ Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM8250QSQ Datasheet HTML 1Page - RF Micro Devices RFFM8250QSQ Datasheet HTML 2Page - RF Micro Devices RFFM8250QSQ Datasheet HTML 3Page - RF Micro Devices RFFM8250QSQ Datasheet HTML 4Page - RF Micro Devices RFFM8250QSQ Datasheet HTML 5Page - RF Micro Devices RFFM8250QSQ Datasheet HTML 6Page - RF Micro Devices RFFM8250QSQ Datasheet HTML 7Page - RF Micro Devices RFFM8250QSQ Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 of 8
RFFM8250Q
RFMD + TriQuint = Qorvo
Switch Control Logic Truth Table
Operating Mode
VTX
LNAEN
VRX
VBT
Standby
Low
Low
Low
Low
802.11b/g/n/ac TX Mode
High
Low
Low
Low
802.11b/g/n/ac RX Gain
Low
High
High
Low
802.11b/g/n/ac RX Bypass
Low
Low
High
Low
BT RX/TX
Low
Low
Low
High
Notes:
High = 2.8 to VCC. Low = 0V to 0.2V.
Timing Diagram
Revision DS20150302
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com


Similar Part No. - RFFM8250QSQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8250QSQ QORVO-RFFM8250QSQ Datasheet
288Kb / 8P
   WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
More results

Similar Description - RFFM8250QSQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8250Q QORVO-RFFM8250Q Datasheet
288Kb / 8P
   WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
RFFM5765Q QORVO-RFFM5765Q Datasheet
898Kb / 15P
   Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RFFM5765Q RFMD-RFFM5765Q Datasheet
874Kb / 15P
   Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
RFFM8250 RFMD-RFFM8250 Datasheet
219Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Switch LNA Module
logo
Qorvo, Inc
RFFM8250 QORVO-RFFM8250 Datasheet
261Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Switch LNA Module
logo
RF Micro Devices
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Qorvo, Inc
QPL6207Q QORVO-QPL6207Q Datasheet
622Kb / 7P
   Tested in accordance to AEC-100 Grade 2
logo
Nexperia B.V. All right...
74AHC2G32-Q100 NEXPERIA-74AHC2G32-Q100 Datasheet
212Kb / 11P
   Automotive product qualification in accordance with AEC-Q100
74AHC86-Q100 NEXPERIA-74AHC86-Q100 Datasheet
705Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
74AHC2G125-Q100 NEXPERIA-74AHC2G125-Q100 Datasheet
223Kb / 12P
   Automotive product qualification in accordance with AEC-Q100
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com