Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8505SQ Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM8505SQ
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8505SQ Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM8505SQ Datasheet HTML 1Page - RF Micro Devices RFFM8505SQ Datasheet HTML 2Page - RF Micro Devices RFFM8505SQ Datasheet HTML 3Page - RF Micro Devices RFFM8505SQ Datasheet HTML 4Page - RF Micro Devices RFFM8505SQ Datasheet HTML 5Page - RF Micro Devices RFFM8505SQ Datasheet HTML 6Page - RF Micro Devices RFFM8505SQ Datasheet HTML 7Page - RF Micro Devices RFFM8505SQ Datasheet HTML 8Page - RF Micro Devices RFFM8505SQ Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131106
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 9
RFFM8505
Parameter
Specification
Unit
Condition
Min
Typ
Max
Transmit (TX-ANT) High Power
Mode (continued)
T= -10°C to +70°C, VCC=3.2V to 4.6V,
50% Duty Cycle unless otherwise noted
Gain flatness across band
-1
1
dB
Operating Current
230
mA
POUT= 17.5dBm, T= 25°C, VCC= 3.6V
215
270
mA
POUT= 16dBm, T= -10 to +70C, VCC=3.2V to 4.6V
260
mA
POUT= 19.5dBm, T= 25°C, VCC= 3.6V
235
300
mA
POUT= 18dBm, T= -10 to +70C, VCC=3.2V to 4.6V
Quiescent current
165
mA
RF= Off, T= 25°C, VCC= 3.6V
PA_EN Current
70
150
uA
Second Harmonic
-45
-40
dBm/MHz
POUT= 18dBm, T= 25°C, VCC= 3.6V, 6Mbps 802.11a
Third Harmonic
-45
-38
dBm/MHz
Power Detector Voltage
0.28
0.32
0.37
V
POUT= 0dBm, T= 25°C
Power Detector Nominal 5210MHz
0.75
0.95
V
POUT= 17.5dBm, T= 25°C, VCC= 3.6V
Power Detector Nominal 5775MHz
0.7
0.88
V
Power Detector Voltage
0.8
0.95
1.2
V
POUT= 20dBm
Variation from 0-360° load pull
-1.5
1.5
dB
3:1 VSWR
ANT-RX Isolation (TX Mode-TX
enabled and maximum power)
28
dB
Transmit (TX-ANT) Low Power
Mode
T= 25°C, VCC= 3.6V,50% Duty Cycle
unless otherwise noted
HT80 Output Power
11.0
dBm
T = 25°C, VCC = 3.6V
80MHZ 802.11ac Dynamic EVM
1.5
1.8
%
-36.5
-35.0
dB
HT20 Output Power
13.0
dBm
T = 25°C, VCC = 3.6V
20MHz 802.11n Dynamic EVM
2.5
3
%
-32.0
-30.5
dB
TX Performance – Spectral Mask
40MHz 802.11n Output Power
12
dBm
T = 25°C, VCC = 3.6V
20/ 80MHz 802.11ac Output Power
14
dBm
Operating Current
150
180
mA
POUT= 11dBm for 11ac
170
200
mA
POUT= 13dBm for 11n
VMODE Control Line Current
160
500
µA
Large Signal Gain
25
dB
POUT= 12dBm
Large Signal Gain
23
25
dB
T= -10 to +70C, VCC=3.2V to 4.6V
Gain flatness over any 80MHz BW
-0.5
0.5
dB


Similar Part No. - RFFM8505SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500QPCBA-410 RFMD-RFFM8500QPCBA-410 Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500QSQ RFMD-RFFM8500QSQ Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500QSR RFMD-RFFM8500QSR Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
More results

Similar Description - RFFM8505SQ

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM4501F RFMD-RFFM4501F Datasheet
232Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8506 RFMD-RFFM8506 Datasheet
267Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 RFMD-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM8515 QORVO-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 QORVO-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com