Electronic Components Datasheet Search
Selected language     English  ā–¼


H-183-4 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. H-183-4
Description  Microwave Hybrid Junction 30 MHz - 3 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
Microwave Hybrid Junction 30 MHz - 3GHz
H-183-4
V2.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Paciļ¬c: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
2
Speciļ¬cations Subject to Change Without Notice.
Typical Performance




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HH-105Hybrid Junction 20 - 300 MHz 1 2 Tyco Electronics
HH-108High-Power Hybrid Junction 200 kHz - 35 MHz 1 2 Tyco Electronics
HH-127Hybrid Junction 10 - 500 MHz 1 2 Tyco Electronics
HH-128Flatpack Hybrid Junction 20 - 2000 MHz 1 2 Tyco Electronics
HHS-109Hybrid Junction 5 - 200 MHz 1 2 Tyco Electronics
CGY40GaAs MMIC Single-stage monolithic microwave IC MMICamplifier Application range: 100 MHz to 3 GHz 1 2 3 4 5 Siemens Semiconductor Group
SD1898RF & MICROWAVE TRANSISTORS 1.6 GHz SATCOM APPLICATIONS 1 2 3 4 STMicroelectronics
CLY10GaAs FET Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz 1 2 3 4 5 MoreSiemens Semiconductor Group
VLFX-950Low Pass Filter DC to 950 MHz 40 dB Isolation up to 20 GHz 1 Mini-Circuits
ZX60-3018GConnectorized Amplifier 50ohm 20 MHz to 3 GHz 1 2 Mini-Circuits

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl