Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8511PCK-410 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFFM8511PCK-410
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8511PCK-410 Datasheet(HTML) 5 Page - RF Micro Devices

  RFFM8511PCK-410 Datasheet HTML 1Page - RF Micro Devices RFFM8511PCK-410 Datasheet HTML 2Page - RF Micro Devices RFFM8511PCK-410 Datasheet HTML 3Page - RF Micro Devices RFFM8511PCK-410 Datasheet HTML 4Page - RF Micro Devices RFFM8511PCK-410 Datasheet HTML 5Page - RF Micro Devices RFFM8511PCK-410 Datasheet HTML 6Page - RF Micro Devices RFFM8511PCK-410 Datasheet HTML 7Page - RF Micro Devices RFFM8511PCK-410 Datasheet HTML 8Page - RF Micro Devices RFFM8511PCK-410 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DRAFT
DRAFT
DRAFT
DRAFT
DRAFT
DRAFT
DRAFT
DRAFT
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140711
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
5 of 9
RFFM8511
PRELIMINARY
Switch Control Logic Truth Table
Operating Mode
PA_EN
LNA_EN
C_RX
Vmode
Standby
Low
Low
Low
Low
802.11a/n/ac TX High Power
High
Low
Low
Low
802.11a/n/ac TX Low Power
High
Low
Low
High
802.11a/n/ac RX Gain
Low
High
High
Low
802.11a/n/ac RX Bypass
Low
Low
High
Low
Notes:
PA_EN and TX switch control are tied together internally.
High = 2.8 to VCC. Low = 0V to 0.2V
Timing Diagram
Level is set Per the data sheet
VCC
PA_EN
C_RX
0.2uSec
Time
TX RF Signal
Transmit Timing Diagram
Power ON / OFF Sequence
RX is Low during TX
0.2uSec
0.2uSec
0.2uSec
Apply 3.6v to pins
4, 10, and 11
Both controls must be
OFF during transmit.
The order is not critical.
Apply a max of 0.4v to
pins 15 and 16
For Transmit: apply
3.1v to pin-6
Note1: RF Signal for each specific mode is applied after the DC bias is applied
Note2: Total ON/OFF time includes from 10% of control switching to 90% of RF power
Note3: Listed values on diagram are typical. The maximum is 0.5us for each mode
LNA_EN
RX is Low during TX
RF signal ON time is
0.5uS max. Set RF
input to required level.
Range is set Per the data sheet


Similar Part No. - RFFM8511PCK-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8511PCK-410 QORVO-RFFM8511PCK-410 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
More results

Similar Description - RFFM8511PCK-410

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM4501F RFMD-RFFM4501F Datasheet
232Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8506 RFMD-RFFM8506 Datasheet
267Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM8515 QORVO-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 QORVO-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com