Selected language     English  ▼


H-8-4 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. H-8-4
Description  Broadband Two-Way Power Divider 2 MHz - 2 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
6-44
Broadband Two-Way Power Divider
2 MHz - 2 GHz
H-8-4
V2.00
C-19
*All specifications apply with 50 ohm source and load impedance.
Features
11 Octave Coverage
Low Loss – 1.25 dB Max
High Isolation – 20 dB Min
Guaranteed Specifications*
Operating Characteristics
Figure 1. 2-Way, In-Phase (0°) PowerDivider/Summer, or ISO-T
q
q
q
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.015 (.x = ±0.4)
WEIGHT (APPROX.):
5.47 OUNCES
155 GRAMS
Ordering Information
Part No.
Package
H-8-4
N
Connectorized
H-8-4
SMA
Connectorized
H-8-4
TNC
Connectorized
H-8-4
BNC
Connectorized
MIL-STD-202 screening available.




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS52-0008Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz 1 2 Tyco Electronics
DS-109319Two-Way Power Divider 10 - 500 MHz 1 2 Tyco Electronics
H-81-4180 Two-Way Power Divider 5 - 1000 MHz 1 Tyco Electronics
PD10-0040-STwo-Way Power Divider 10 - 500 MHz 1 Tyco Electronics
PD10-0041-STwo-Way In-Phase Power Divider 0.4 - 400 MHz 1 Tyco Electronics
PD10-0042-STwo-Way In-Phase Power Divider 10-2000 MHz 1 Tyco Electronics
DS-327Flatpack Two-Way Power Divider 5 - 1000 MHz 1 Tyco Electronics
T-1000Two-Way Power Divider 10 - 1000 MHz 1 Tyco Electronics
DS-331Two-Way Power Divider 750 - 1500 MHz 1 Tyco Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl