Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFGA2044TR7 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFGA2044TR7
Description  InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFGA2044TR7 Datasheet(HTML) 2 Page - RF Micro Devices

  RFGA2044TR7 Datasheet HTML 1Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 2Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 3Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 4Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 5Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 6Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 7Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RFGA2044
Prelim DS111213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC)6.0
V
Device Current (ICC)130
mA
CW Input Power, 2:1 Output VSWR
20
dBm
CW Input Power, 10:1 Output VSWR
15
dBm
Operating Junction Temperature (TJ)150
°C
Operating Temperature Range (TL)-40 to +85
°C
Storage Temperature
-55 to +150
°C
ESD Rating - Human Body Model
1C (1000V)
Moisture Sensitivity Level
MSL-2
NOTES: 1. The maximum rating must all be met simultaneously.
2. PDISS = PDC + PRFIN - PRFOUT.
3. TJ = TL + PDISS * RTH.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Linear Operation
Typical performance at 25°C using the standard sample
EVB with R2 = open. This design is for linear operation
only.
Input Power (PIN)
6.0
dBm
Max recommended continuous input power, VCC < 5.0V,
Load VSWR < 2:1
Gain
15.3
dB
850MHz
13.5
15.1
16.5
dB
2140MHz
15.1
dB
2650MHz
OIP3
35.5
dBm
850MHz (0dBm/Tone, 1MHz spacing)
28
30.5
dBm
2140MHz (0dBm/Tone, 1MHz spacing)
29.0
dBm
2650MHz (0dBm/Tone, 1MHz spacing)
P1dB
19.0
dBm
850MHz
17.3
18.8
dBm
2140MHz
18.2
dBm
2650MHz
Input Return Loss
15
dB
2140MHz
Output Return Loss
14
dB
Isolation
19
dB
Noise Figure
4.3
dB
Operating Current (Quiescent)
68
78
mA
At VCC = 5.0V
Operating Voltage (VCC)
5.0
5.25
V
Max recommended voltage for continuous operation
Thermal Resistance (RTH)
135
°C/W
At quiescent current, no RF, VCC = 5.0V
Saturated Operation
Typical performance at 25°C using the input pull-down
resistor (R2 = 5.1 K
) to lower quiescent current. See
schematic following the "saturated operation plots".
Input Power (PIN)
14
dBm
Max. recommended continuous input power
VCC < 5.0V, Load VSWR < 2:1, R2 = 5.1 K
Saturated Output Power
19.4
dBm
850MHz
19.8
dBm
2140MHz
19.8
dBm
2650MHz
Operating Current
90
mA
Max recommended current for continuous operation
Operating Voltage
5.0
5.25
V
Max recommended voltage for continuous operation
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.


Similar Part No. - RFGA2044TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFGA2044TR13 QORVO-RFGA2044TR13 Datasheet
1Mb / 11P
   50MHz-3000MHz, InGap HBT MMIC Amplifier
More results

Similar Description - RFGA2044TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFGA2054 RFMD-RFGA2054 Datasheet
566Kb / 8P
   InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
logo
Qorvo, Inc
RFGA2044 QORVO-RFGA2044 Datasheet
1Mb / 11P
   50MHz-3000MHz, InGap HBT MMIC Amplifier
logo
RF Micro Devices
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
SBB2082S RFMD-SBB2082S Datasheet
689Kb / 5P
   InGaP HBT Amplifier 50MHz to 850MHz
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-2000 RFMD-SBB-2000 Datasheet
204Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-1000 RFMD-SBB-1000 Datasheet
205Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB4089Z RFMD-SBB4089Z Datasheet
520Kb / 8P
   50MHz to 6000MHz CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB2089Z RFMD-SBB2089Z Datasheet
456Kb / 7P
   50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com