Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFGA2044TR7 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFGA2044TR7
Description  InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFGA2044TR7 Datasheet(HTML) 7 Page - RF Micro Devices

  RFGA2044TR7 Datasheet HTML 1Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 2Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 3Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 4Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 5Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 6Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 7Page - RF Micro Devices RFGA2044TR7 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7 of 8
RFGA2044
Prelim DS111213
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance under Saturated Operation, R2 = 5.1 K
Evaluation Board Schematic for Saturated Operation
























   












,QSXW 3RZHU G%P
P
OUT and Current versus Input Power (850MHz)
3287 ƒ&
3287 ƒ&
3287 ƒ&
,&& ƒ&
,&& ƒ&
,&& ƒ&
























  













,QSXW 3RZHU G%P
P
OUT and Current versus Input Power (2140MHz)
3287 ƒ&
3287 ƒ&
3287 ƒ&
,&& ƒ&
,&& ƒ&
,&& ƒ&
























  









,QSXW 3RZHU G%P
P
OUT and Current versus Input Power (85°C)
3287 0+]
3287 0+]
3287 0+]
,&& 0+]
,&& 0+]
,&& 0+]
























  













,QSXW 3RZHU G%P
P
OUT and Current versus Input Power (2650MHz)
3287 ƒ&
3287 ƒ&
3287 ƒ&
,&& ƒ&
,&& ƒ&
,&& ƒ&


Similar Part No. - RFGA2044TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFGA2044TR13 QORVO-RFGA2044TR13 Datasheet
1Mb / 11P
   50MHz-3000MHz, InGap HBT MMIC Amplifier
More results

Similar Description - RFGA2044TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFGA2054 RFMD-RFGA2054 Datasheet
566Kb / 8P
   InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
logo
Qorvo, Inc
RFGA2044 QORVO-RFGA2044 Datasheet
1Mb / 11P
   50MHz-3000MHz, InGap HBT MMIC Amplifier
logo
RF Micro Devices
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
SBB2082S RFMD-SBB2082S Datasheet
689Kb / 5P
   InGaP HBT Amplifier 50MHz to 850MHz
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-2000 RFMD-SBB-2000 Datasheet
204Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-1000 RFMD-SBB-1000 Datasheet
205Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB4089Z RFMD-SBB4089Z Datasheet
520Kb / 8P
   50MHz to 6000MHz CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB2089Z RFMD-SBB2089Z Datasheet
456Kb / 7P
   50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com