Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFLA1018 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFLA1018
Description  VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFLA1018 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFLA1018 Datasheet HTML 4Page - RF Micro Devices RFLA1018 Datasheet HTML 5Page - RF Micro Devices RFLA1018 Datasheet HTML 6Page - RF Micro Devices RFLA1018 Datasheet HTML 7Page - RF Micro Devices RFLA1018 Datasheet HTML 8Page - RF Micro Devices RFLA1018 Datasheet HTML 9Page - RF Micro Devices RFLA1018 Datasheet HTML 10Page - RF Micro Devices RFLA1018 Datasheet HTML 11Page - RF Micro Devices RFLA1018 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11 of 12
RFLA1018
DS141218
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing
Dimensions in millimeters
Refer to drawing posted at www.rfmd.com for tolerances
IO Pattern Label
8.000±0.100
8.000±0.100
0.440
Ref
1.340±0.075
A = 0.700 x 0.700 mm
B = 5.800 x 5.800 mm
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
4x 3.550
2x 2.130
2x 0.710
2x 0.710
2x 2.130
0.000
4x 3.550
0.100 All Edges
12 x 0.720
16x 0.300
B
VCC2
VCC3
VVA_CV
VCC1
SC_N
RFIN
RF OUT
ID1/GND
ID2/GND
GND
GND
GND
GND
GND
GND
GND
PIN1


Similar Part No. - RFLA1018

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA1018S RFMD-RFLA1018S Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SPCK-410 RFMD-RFLA1018SPCK-410 Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SSQ RFMD-RFLA1018SSQ Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SSR RFMD-RFLA1018SSR Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018STR13 RFMD-RFLA1018STR13 Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
More results

Similar Description - RFLA1018

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA2018 RFMD-RFLA2018 Datasheet
495Kb / 12P
   Variable Gain Low Noise High Linearity Amplifier
logo
NXP Semiconductors
BGU7062N2 NXP-BGU7062N2 Datasheet
346Kb / 16P
   Analog high linearity low noise variable gain amplifier
Rev. 1-8 July 2013
BGU7078 NXP-BGU7078 Datasheet
439Kb / 16P
   Analog high linearity low noise variable gain amplifier
Rev. 3-15 February 2017
BGU7073 NXP-BGU7073 Datasheet
393Kb / 22P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 6-15 February 2017
BGU7075 NXP-BGU7075 Datasheet
378Kb / 20P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 4-15 February 2017
logo
RF Micro Devices
RFLA1018S RFMD-RFLA1018S Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1038 RFMD-RFLA1038 Datasheet
1Mb / 11P
   Variable Gain Low Noise High Linearity Amplifier 1710MHz to 1785MHz
logo
TriQuint Semiconductor
TQC9074 TRIQUINT-TQC9074_15 Datasheet
493Kb / 7P
   High Linearity Variable Gain Amplifier
logo
WJ Communication. Inc.
VG025 WJCI-VG025 Datasheet
434Kb / 7P
   High Linearity Variable Gain Amplifier
VG025 WJCI-VG025_06 Datasheet
425Kb / 7P
   High Linearity Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com