Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFLA1018SR Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFLA1018SR
Description  VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFLA1018SR Datasheet(HTML) 2 Page - RF Micro Devices

  RFLA1018SR Datasheet HTML 1Page - RF Micro Devices RFLA1018SR Datasheet HTML 2Page - RF Micro Devices RFLA1018SR Datasheet HTML 3Page - RF Micro Devices RFLA1018SR Datasheet HTML 4Page - RF Micro Devices RFLA1018SR Datasheet HTML 5Page - RF Micro Devices RFLA1018SR Datasheet HTML 6Page - RF Micro Devices RFLA1018SR Datasheet HTML 7Page - RF Micro Devices RFLA1018SR Datasheet HTML 8Page - RF Micro Devices RFLA1018SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 of 12
RFLA1018
DS141218
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
+5.5
VDC
Control Voltage
+5.5
VDC
DC Supply Current
400
mA
Power Dissipation
2000
mW
Max RF Input Power
27
dBm
Operating Temperature (TCASE)
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Max Junction Temperature (TJ)160
°C
ESD Rating (HBM)
1000 (Class 1C)
V
Moisture Sensitivity Level
MSL3
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
High Gain Mode Data: 1920MHz to 1980MHz
Temp = 25°C, VCC = 5V, Standard Application Circuit
Frequency Range
1920
1980
MHz
Max Gain
36
38
dB
Attenuation = Min, VVA_CV = 0V
Gain Flatness
0.75
1.1
dB
Min. Gain
12
18.7
dB
OIP3
38
dBm
Max Gain, Attenuation = Min, VVA_CV = 0V
IIP3
3
dBm
32dB to 35dB Gain
IIP3
6
dBm
30dB to 31dB Gain
IIP3
8
dBm
25dB to 29dB Gain
IIP3
9.5
dBm
18dB to 24dB Gain
OP1dB (Max Gain)
25.5
dBm
Attenuation = Min, VVA_CV = 0V
IP1dB
-9.5
dBm
30dB to 35dB Gain
IP1dB
-1.5
dBm
18dB to 24dB Gain
NF
0.65
dB
Max Gain, Attenuation = Min, VVA_CV = 0V
Input Return Loss
-25
dB
Output Return Loss
-18
dB
Low Gain Mode Data: 1920MHz to 1980MHz
Temp = 25°C, VCC = 5V, Standard Application Circuit
Frequency Range
1920
1980
MHz
Max Gain
20.3
22
Attenuation = Min, VVA_CV = 0V
Gain Flatness
0.25
1.1
Min. Gain
-4
3
dB
OIP3
36
dBm
(Max Gain)Attenuation = Min, VVA_CV = 0V
IIP3
19
dBm
16dB to17dB Gain
IIP3
20.5
dBm
12dB to 15dB Gain
IIP3
19
dBm
5dB to 11dB Gain
IIP3
21
dBm
1dB to 4dB Gain
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.


Similar Part No. - RFLA1018SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA1018S RFMD-RFLA1018S Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SPCK-410 RFMD-RFLA1018SPCK-410 Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SSQ RFMD-RFLA1018SSQ Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SSR RFMD-RFLA1018SSR Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018STR13 RFMD-RFLA1018STR13 Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
More results

Similar Description - RFLA1018SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA2018 RFMD-RFLA2018 Datasheet
495Kb / 12P
   Variable Gain Low Noise High Linearity Amplifier
logo
NXP Semiconductors
BGU7062N2 NXP-BGU7062N2 Datasheet
346Kb / 16P
   Analog high linearity low noise variable gain amplifier
Rev. 1-8 July 2013
BGU7078 NXP-BGU7078 Datasheet
439Kb / 16P
   Analog high linearity low noise variable gain amplifier
Rev. 3-15 February 2017
BGU7073 NXP-BGU7073 Datasheet
393Kb / 22P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 6-15 February 2017
BGU7075 NXP-BGU7075 Datasheet
378Kb / 20P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 4-15 February 2017
logo
RF Micro Devices
RFLA1018S RFMD-RFLA1018S Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1038 RFMD-RFLA1038 Datasheet
1Mb / 11P
   Variable Gain Low Noise High Linearity Amplifier 1710MHz to 1785MHz
logo
TriQuint Semiconductor
TQC9074 TRIQUINT-TQC9074_15 Datasheet
493Kb / 7P
   High Linearity Variable Gain Amplifier
logo
WJ Communication. Inc.
VG025 WJCI-VG025 Datasheet
434Kb / 7P
   High Linearity Variable Gain Amplifier
VG025 WJCI-VG025_06 Datasheet
425Kb / 7P
   High Linearity Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com