Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFLA1010TTR13 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFLA1010TTR13
Description  STEP GAIN, LOW NOISE, HIGH-LINEARITY AMPLIFIER 1920MHZ TO 1980MHZ
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFLA1010TTR13 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFLA1010TTR13 Datasheet HTML 3Page - RF Micro Devices RFLA1010TTR13 Datasheet HTML 4Page - RF Micro Devices RFLA1010TTR13 Datasheet HTML 5Page - RF Micro Devices RFLA1010TTR13 Datasheet HTML 6Page - RF Micro Devices RFLA1010TTR13 Datasheet HTML 7Page - RF Micro Devices RFLA1010TTR13 Datasheet HTML 8Page - RF Micro Devices RFLA1010TTR13 Datasheet HTML 9Page - RF Micro Devices RFLA1010TTR13 Datasheet HTML 10Page - RF Micro Devices RFLA1010TTR13 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7 of 12
RFLA1010
DS111121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
1910
1920
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
Output Return Loss versus Frequency versus
Temperature (High Gain Mode)
Output Return Loss (-40°C)
Output Return Loss (25°C)
Output Return Loss (85°C)
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
1910
1920
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
Output Return Loss versus Frequency versus
Temperature (Mid-Gain Mode)
Output Return Loss (-40°C)
Output Return Loss (25°C)
Output Return Loss (85°C)
-15.5
-15.0
-14.5
-14.0
-13.5
-13.0
-12.5
-12.0
-11.5
-11.0
-10.5
-10.0
-9.5
-9.0
1910
1920
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
Output Return Loss versus Frequency versus
Temperature (Low Gain Mode)
Output Return Loss (-40°C)
Output Return Loss (25°C)
Output Return Loss (85°C)
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
35
1850
1900
1950
2000
2050
2100
2150
2200
Frequency (MHz)
Gain versus Frequency versus Temperature
(High Gain Mode - Wide Band)
Gain (-40°C)
Gain (25°C)
Gain (85°C)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1850
1900
1950
2000
2050
2100
2150
2200
Frequency (MHz)
Gain versus Frequency versus Temperature
(Low Gain Mode - Wide Band)
Gain (-40°C)
Gain (25°C)
Gain (85°C)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1850
1900
1950
2000
2050
2100
2150
2200
Frequency (MHz)
Gain versus Frequency versus Temperature
(Low Gain Mode - Wide Band)
Gain (-40°C)
Gain (25°C)
Gain (85°C)


Similar Part No. - RFLA1010TTR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA1018 RFMD-RFLA1018 Datasheet
1Mb / 12P
   VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
RFLA1018PCK-410 RFMD-RFLA1018PCK-410 Datasheet
1Mb / 12P
   VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
RFLA1018S RFMD-RFLA1018S Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SPCK-410 RFMD-RFLA1018SPCK-410 Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SQ RFMD-RFLA1018SQ Datasheet
1Mb / 12P
   VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
More results

Similar Description - RFLA1010TTR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA1018S RFMD-RFLA1018S Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13316 AVAGO-MGA-13316 Datasheet
398Kb / 11P
   High Gain, High Linearity Low Noise Amplifier
MGA-13316 AVAGO-MGA-13316_15 Datasheet
398Kb / 11P
   High Gain, High Linearity Low Noise Amplifier
logo
Broadcom Corporation.
MGA-13316 BOARDCOM-MGA-13316 Datasheet
1Mb / 16P
   High Gain, High Linearity Low Noise Amplifier
logo
RF Micro Devices
RFLA2018 RFMD-RFLA2018 Datasheet
495Kb / 12P
   Variable Gain Low Noise High Linearity Amplifier
RFLA1018 RFMD-RFLA1018 Datasheet
1Mb / 12P
   VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13116 AVAGO-MGA-13116 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
MGA-13216 AVAGO-MGA-13216_15 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
Broadcom Corporation.
MGA-13116 BOARDCOM-MGA-13116 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13216 AVAGO-MGA-13216 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com