Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFLA1018TTR13 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFLA1018TTR13
Description  VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFLA1018TTR13 Datasheet(HTML) 1 Page - RF Micro Devices

  RFLA1018TTR13 Datasheet HTML 1Page - RF Micro Devices RFLA1018TTR13 Datasheet HTML 2Page - RF Micro Devices RFLA1018TTR13 Datasheet HTML 3Page - RF Micro Devices RFLA1018TTR13 Datasheet HTML 4Page - RF Micro Devices RFLA1018TTR13 Datasheet HTML 5Page - RF Micro Devices RFLA1018TTR13 Datasheet HTML 6Page - RF Micro Devices RFLA1018TTR13 Datasheet HTML 7Page - RF Micro Devices RFLA1018TTR13 Datasheet HTML 8Page - RF Micro Devices RFLA1018TTR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
SOI
13
9
6
5
12
2
14
1
RFIN
GND
RFOUT
VVA_CTRL
8
7
15
16
4
3
SCN
GND
11 GND
10 GND
RFLA1018
VARIABLE GAIN LOW NOISE HIGH LINEARITY
AMPLIFIER
RFMD's RFLA1018 is an analog-controlled voltage-variable gain amplifier featuring
high linearity and very low noise figure. This LNA with bypass mode and variable
attenuator provides a minimum 35dB of dynamic gain range. The RFLA1018 has a
3.3V control range with maximum gain at 0V. The LNA is temperature compensated
to reduce gain variation. A noise figure of 0.65dB and an IIP3 of 2dBm make this
component ideal for receiver input lineups. The RFLA1018 is packaged in a small
8.0mm x 8.0mm leadless laminate MCM. This module is internally matched to 50
on all RF ports, making it easy to use with no external matching components
required.
Features
Frequency Range 1850MHz to
2050MHz
Internally Matched to 50
 on All
RF Ports
Analog Voltage Variable
Attenuator with 3.3V Control
Range
Bypass Mode of LNA for High
Dynamic Range
Max Gain = 35dB min.
Noise Figure of 0.65dB Typical
Gain Control Range = 35dB
High IIP3 = 2dBm
Single +5V Supply
Small 16-Pin, 8.0mm x 8.0mm,
Multi-Chip Module (MCM)
Applications
Cellular Base station, Remote
Radio Heads
Active Antenna Radios
3G, LTE Infrastructure
Low Noise, Variable Gain with
High Linearity
DS141218
Package Style: MCM 16-Pin, 8.0mm x 8.0mm
RFLA1018Vari-
able Gain Low
Noise High Lin-
earity Amplifier
RFLA1018SR
7" Reel with 100 pieces
RFLA1018SQ
Sample Bag with 25 pieces
RFLA1018TR7
7" Reel with 750 pieces
RFLA1018TTR13
13" Reel with 2500 pieces
RFLA1018PCK-410 1850MHz to 2050MHz PCBA with 5-piece sample bag


Similar Part No. - RFLA1018TTR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA1018S RFMD-RFLA1018S Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SPCK-410 RFMD-RFLA1018SPCK-410 Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SSQ RFMD-RFLA1018SSQ Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SSR RFMD-RFLA1018SSR Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018STR13 RFMD-RFLA1018STR13 Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
More results

Similar Description - RFLA1018TTR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA2018 RFMD-RFLA2018 Datasheet
495Kb / 12P
   Variable Gain Low Noise High Linearity Amplifier
logo
NXP Semiconductors
BGU7062N2 NXP-BGU7062N2 Datasheet
346Kb / 16P
   Analog high linearity low noise variable gain amplifier
Rev. 1-8 July 2013
BGU7078 NXP-BGU7078 Datasheet
439Kb / 16P
   Analog high linearity low noise variable gain amplifier
Rev. 3-15 February 2017
BGU7073 NXP-BGU7073 Datasheet
393Kb / 22P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 6-15 February 2017
BGU7075 NXP-BGU7075 Datasheet
378Kb / 20P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 4-15 February 2017
logo
RF Micro Devices
RFLA1018S RFMD-RFLA1018S Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1038 RFMD-RFLA1038 Datasheet
1Mb / 11P
   Variable Gain Low Noise High Linearity Amplifier 1710MHz to 1785MHz
logo
TriQuint Semiconductor
TQC9074 TRIQUINT-TQC9074_15 Datasheet
493Kb / 7P
   High Linearity Variable Gain Amplifier
logo
WJ Communication. Inc.
VG025 WJCI-VG025 Datasheet
434Kb / 7P
   High Linearity Variable Gain Amplifier
VG025 WJCI-VG025_06 Datasheet
425Kb / 7P
   High Linearity Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com