Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFLA1018SPCK-410 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFLA1018SPCK-410
Description  Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFLA1018SPCK-410 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFLA1018SPCK-410 Datasheet HTML 4Page - RF Micro Devices RFLA1018SPCK-410 Datasheet HTML 5Page - RF Micro Devices RFLA1018SPCK-410 Datasheet HTML 6Page - RF Micro Devices RFLA1018SPCK-410 Datasheet HTML 7Page - RF Micro Devices RFLA1018SPCK-410 Datasheet HTML 8Page - RF Micro Devices RFLA1018SPCK-410 Datasheet HTML 9Page - RF Micro Devices RFLA1018SPCK-410 Datasheet HTML 10Page - RF Micro Devices RFLA1018SPCK-410 Datasheet HTML 11Page - RF Micro Devices RFLA1018SPCK-410 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141204
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
9 of 12
RFLA1018S
Evaluation Board Bill of Materials (BOM) 1920MHz to 1980MHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
Evaluation Board
DDI
RFLA1018410(E)
CAP, 0.1µF, 10%, 16V, X7R, 0402
C1, C3, C5-C6, C8-C9
Murata Electronics
GRM155R71C104KA88D
Do Not Place
C2, C4, C7
CONN, SMA, END LNCH, UNIV, HYB
MNT, FLT
J1-J2
Heilind Electronics
PER MAT-21-1038
RES, 0
Ω, 0402
R1-R2
Kamaya, Inc.
RMC1/16SJPTH
CONN, HDR, ST, PLRZD, 9-PIN
P1
ITW Pancon
MPSS100-9-C
RFLA1018S Module
U1
RFMD
RFLA1018S
Evaluation Board Assembly Drawing 1920MHz to 1980MHz Application Circuit


Similar Part No. - RFLA1018SPCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA1018SQ RFMD-RFLA1018SQ Datasheet
1Mb / 12P
   VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
RFLA1018SR RFMD-RFLA1018SR Datasheet
1Mb / 12P
   VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
More results

Similar Description - RFLA1018SPCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA1010 RFMD-RFLA1010 Datasheet
1Mb / 12P
   STEP GAIN, LOW NOISE, HIGH-LINEARITY AMPLIFIER 1920MHZ TO 1980MHZ
RFLA2018 RFMD-RFLA2018 Datasheet
495Kb / 12P
   Variable Gain Low Noise High Linearity Amplifier
RFLA1018 RFMD-RFLA1018 Datasheet
1Mb / 12P
   VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
logo
NXP Semiconductors
BGU7062N2 NXP-BGU7062N2 Datasheet
346Kb / 16P
   Analog high linearity low noise variable gain amplifier
Rev. 1-8 July 2013
BGU7078 NXP-BGU7078 Datasheet
439Kb / 16P
   Analog high linearity low noise variable gain amplifier
Rev. 3-15 February 2017
logo
RF Micro Devices
RFLA1038 RFMD-RFLA1038 Datasheet
1Mb / 11P
   Variable Gain Low Noise High Linearity Amplifier 1710MHz to 1785MHz
logo
NXP Semiconductors
BGU7073 NXP-BGU7073 Datasheet
393Kb / 22P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 6-15 February 2017
BGU7075 NXP-BGU7075 Datasheet
378Kb / 20P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 4-15 February 2017
logo
TriQuint Semiconductor
TQC9074 TRIQUINT-TQC9074_15 Datasheet
493Kb / 7P
   High Linearity Variable Gain Amplifier
logo
WJ Communication. Inc.
VG025 WJCI-VG025 Datasheet
434Kb / 7P
   High Linearity Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com