Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1661 Datasheet(PDF) 3 Page - American Zettler, Inc.

Part # AZ1661
Description  SPDT through 4PDT arrangement
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ1661 Datasheet(HTML) 3 Page - American Zettler, Inc.

  AZ1661 Datasheet HTML 1Page - American Zettler, Inc. AZ1661 Datasheet HTML 2Page - American Zettler, Inc. AZ1661 Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
STANDARD RELAYS: AC Coil (50/60 Hz)
COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Nominal Current
Coil Resistance
ORDER NUMBER*
VAC
VAC
VAC
mA ± 10%
6
4.8
7.1
200.0
11.5 ± 10%
AZ1661–2C–6A
12
9.6
14.3
100.0
46.0 ± 10%
AZ1661–2C–12A
24
19.2
28.6
50.0
184
± 10%
AZ1661–2C–24A
48
38.4
57.1
25.0
735
± 10%
AZ1661–2C–48A
120
96.0
143.0
10.0
4,550
± 10%
AZ1661–2C–120A
220
176.0
261.0
5.5
14,400
± 15%
AZ1661–2C–220A
* For 3PDT or 4PDT substitute “-3C” or “-4C” for “-2C”. For LED add “1” to the end of p/n.
HEAVY DUTY RELAYS: AC Coil (50/60 Hz)
COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Nominal Current
Coil Resistance
ORDER NUMBER*
VAC
VAC
VAC
mA ± 10%
6
4.8
7.1
200.0
11.5 ± 10%
AZ1661–1CT–6A
12
9.6
14.3
100.0
46.0 ± 10%
AZ1661–1CT–12A
24
19.2
28.6
50.0
184
± 10%
AZ1661–1CT–24A
48
38.4
57.1
25.0
735
± 10%
AZ1661–1CT–48A
120
96.0
143.0
10.0
4,550
± 10%
AZ1661–1CT–120A
220
176.0
261.0
5.5
14,400
± 15%
AZ1661–1CT–220A
240
192.0
288.0
5.0
22,000
± 15%
AZ1661–1CT–240A
* For DPDT substitute “-2CT” for “-1CT”. For LED add “1” to the end of p/n.
RELAY ORDERING DATA
STANDARD RELAYS: DC Coil
COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Nominal Current
Coil Resistance
ORDER NUMBER*
VDC
VDC
VDC
mA ± 10%
6
4.8
6.6
150.0
40.0 ± 10%
AZ1661–2C–6D
12
9.6
13.2
75.0
160
± 10%
AZ1661–2C–12D
24
19.2
26.4
36.9
650
± 10%
AZ1661–2C–24D
48
38.4
52.8
18.5
2600
± 15%
AZ1661–2C–48D
110
88.0
121.0
10.0
11,000
± 15%
AZ1661–2C–110D
AZ1661
5/28/09
RELAY ORDERING DATA
HEAVY DUTY RELAYS: DC Coil
COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Nominal Current
Coil Resistance
ORDER NUMBER*
VDC
VDC
VDC
mA ± 10%
6
4.8
6.6
150.0
40.0 ± 10%
AZ1661–1CT–6D
12
9.6
13.2
75.0
160
± 10%
AZ1661–1CT–12D
24
19.2
26.4
36.9
650
± 10%
AZ1661–1CT–24D
48
38.4
52.8
18.5
2600
± 15%
AZ1661–1CT–48D
110
88.0
121.0
10.0
11,000
± 15%
AZ1661–1CT–110D


Similar Part No. - AZ1661

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ166-1CT-110D AZETTLER-AZ166-1CT-110D Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ166-1CT-120A AZETTLER-AZ166-1CT-120A Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ166-1CT-12A AZETTLER-AZ166-1CT-12A Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
AZ166-1CT-12D AZETTLER-AZ166-1CT-12D Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
More results

Similar Description - AZ1661

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ1641 AZETTLER-AZ1641 Datasheet
425Kb / 3P
   SPDT through 4PDT arrangement
AZ1651 AZETTLER-AZ1651 Datasheet
375Kb / 3P
   SPDT through 4PDT arrangement
logo
Grayhill, Inc
38DSP1B10M1QT GRAYHILL-38DSP1B10M1QT Datasheet
530Kb / 5P
   SPDT, DPDT, 3PDT, 4PDT Circuitry UL Recognized
logo
TE Connectivity Ltd
R10 TEC-R10 Datasheet
344Kb / 6P
   1 through 8 form C (CO) contact arrangement
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
logo
American Electronic Com...
DG55 AEC-DG55 Datasheet
248Kb / 3P
   Industry standard terminal arrangement
logo
GREATECS
SB9 GREATECS-SB9 Datasheet
203Kb / 1P
   4PDT Slide Switches
logo
Mitel Networks Corporat...
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com