Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH-10-4SMA Datasheet(PDF) 1 Page - Tyco Electronics

Part # JH-10-4SMA
Description  Quadrature Hybrid 20 - 140 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

JH-10-4SMA Datasheet(HTML) 1 Page - Tyco Electronics

  JH-10-4SMA Datasheet HTML 1Page - Tyco Electronics JH-10-4SMA Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quadrature Hybrid
20 - 140 MHz
JH-10-4
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V2.00
Features
Multi-Octave Bandwidth
Low VSWR: 1.25:1
Amplitude Balance: 0.6 dB
Impedance: 50 Ohms Nom.
Input Power: 1 W. Max.
MIL-STD-202 Screening Available
Guaranteed Specifications* (From -55°C to +85°C)
Frequency Range
20 - 140 MHz
Insertion Loss (Less coupling)
1.0 dB Max.
Isolation
20 dB Min.
Amplitude Balance
0.6 dB Max.
VSWR
1.25:1 Max.
Deviation From Quadrature
3° Max.
*All specifications apply with 50 ohm source and load impedance.
q
q
q
q
q
q
C-10
Ordering Information
Part Number
Package
JH-10-4 BNC
Connectorized
JH-10-4 SMA
Connectorized
Phasing Diagram
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
Weight (Approx.) 3.6 Ounces 102 Grams


Similar Part No. - JH-10-4SMA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-113 MACOM-JH-113 Datasheet
133Kb / 3P
   Quadrature Hybrid, 7 - 14 MHz
logo
M/A-COM Technology Solu...
JH-113 MA-COM-JH-113 Datasheet
90Kb / 3P
   Quadrature Hybrid, 7 - 14 MHz
logo
Tyco Electronics
JH-113PIN MACOM-JH-113PIN Datasheet
133Kb / 3P
   Quadrature Hybrid, 7 - 14 MHz
logo
M/A-COM Technology Solu...
JH-113PIN MA-COM-JH-113PIN Datasheet
90Kb / 3P
   Quadrature Hybrid, 7 - 14 MHz
logo
Tyco Electronics
JH-114 MACOM-JH-114 Datasheet
172Kb / 2P
   Quadrature Hybrid, 20 - 40 MHz
More results

Similar Description - JH-10-4SMA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-114 MACOM-JH-114 Datasheet
172Kb / 2P
   Quadrature Hybrid, 20 - 40 MHz
logo
M/A-COM Technology Solu...
JH-114 MA-COM-JH-114 Datasheet
99Kb / 3P
   Quadrature Hybrid, 20 - 40 MHz
logo
Tyco Electronics
JHS-114 MACOM-JHS-114 Datasheet
57Kb / 2P
   Surface Mount Quadrature Hybrid 20 - 40 MHz
JH-131 MACOM-JH-131 Datasheet
99Kb / 2P
   Three-Port Quadrature Hybrid 20 - 200 MHz
JH-131 MACOM-JH-131_1 Datasheet
243Kb / 2P
   Three-Port Quadrature Hybrid, 20 - 200 MHz
logo
M/A-COM Technology Solu...
JH-131 MA-COM-JH-131 Datasheet
80Kb / 2P
   Three-Port Quadrature Hybrid, 20 - 200 MHz
logo
Analog Devices
AD8345 AD-AD8345_15 Datasheet
1,020Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
AD8345AREZ AD-AD8345AREZ Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
logo
SYNERGY MICROWAVE CORPO...
SLQ-302 SYNERGY-SLQ-302 Datasheet
64Kb / 2P
   QUADRATURE HYBRID 3:1 BANDWIDTH 20 - 60 MHz
logo
Tyco Electronics
JHS-119 MACOM-JHS-119 Datasheet
78Kb / 2P
   Quadrature Hybrid 80 - 160 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com