Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH-131N Datasheet(PDF) 2 Page - Tyco Electronics

Part # JH-131N
Description  Three-Port Quadrature Hybrid 20 - 200 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

JH-131N Datasheet(HTML) 2 Page - Tyco Electronics

  JH-131N Datasheet HTML 1Page - Tyco Electronics JH-131N Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
7-37
Three-Port Quadrature Hybrid
JH-131
V2.00
Typical Performance
FREQUENCY (MHz)
FREQUENCY (MHz)
FREQUENCY (MHz)
INSERTION LOSS
PHASE DIFFERENCE
ISOLATION
FREQUENCY (MHz)
VSWR


Similar Part No. - JH-131N

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-131N MACOM-JH-131N Datasheet
243Kb / 2P
   Three-Port Quadrature Hybrid, 20 - 200 MHz
logo
M/A-COM Technology Solu...
JH-131N MA-COM-JH-131N Datasheet
80Kb / 2P
   Three-Port Quadrature Hybrid, 20 - 200 MHz
More results

Similar Description - JH-131N

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-131 MACOM-JH-131_1 Datasheet
243Kb / 2P
   Three-Port Quadrature Hybrid, 20 - 200 MHz
logo
M/A-COM Technology Solu...
JH-131 MA-COM-JH-131 Datasheet
80Kb / 2P
   Three-Port Quadrature Hybrid, 20 - 200 MHz
logo
Tyco Electronics
JH-121 MACOM-JH-121 Datasheet
172Kb / 2P
   Quadrature Hybrid, 100 - 200 MHz
JHS-121 MACOM-JHS-121 Datasheet
104Kb / 2P
   Quadrature Hybrid 100 - 200 MHz
logo
M/A-COM Technology Solu...
JH-121 MA-COM-JH-121 Datasheet
93Kb / 3P
   Quadrature Hybrid, 100 - 200 MHz
logo
Tyco Electronics
JH-10-4 MACOM-JH-10-4 Datasheet
81Kb / 2P
   Quadrature Hybrid 20 - 140 MHz
JH-114 MACOM-JH-114 Datasheet
172Kb / 2P
   Quadrature Hybrid, 20 - 40 MHz
logo
M/A-COM Technology Solu...
JH-114 MA-COM-JH-114 Datasheet
99Kb / 3P
   Quadrature Hybrid, 20 - 40 MHz
logo
SYNERGY MICROWAVE CORPO...
SLQ-K04 SYNERGY-SLQ-K04 Datasheet
63Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 100 - 200 MHz
logo
Tyco Electronics
JHS-142 MACOM-JHS-142 Datasheet
108Kb / 1P
   Surface Mount Quadrature Hybrid 200 - 400 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com