Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFLA9003TR13 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFLA9003TR13
Description  Dual Low Noise Amplifier Module 1710MHz to 2180MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFLA9003TR13 Datasheet(HTML) 1 Page - RF Micro Devices

  RFLA9003TR13 Datasheet HTML 1Page - RF Micro Devices RFLA9003TR13 Datasheet HTML 2Page - RF Micro Devices RFLA9003TR13 Datasheet HTML 3Page - RF Micro Devices RFLA9003TR13 Datasheet HTML 4Page - RF Micro Devices RFLA9003TR13 Datasheet HTML 5Page - RF Micro Devices RFLA9003TR13 Datasheet HTML 6Page - RF Micro Devices RFLA9003TR13 Datasheet HTML 7Page - RF Micro Devices RFLA9003TR13 Datasheet HTML 8Page - RF Micro Devices RFLA9003TR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131114
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 11
RFLA9003
Dual Low Noise Amplifier Module
1710MHz to 2180MHz
RFMD’s RFLA9003 is a dual Low Noise Amplifier module with
external connections to both LNAs. These LNAs feature a shut-
down mode to turn off the LNA and provide up to 15dBm drive
level without gain expansion and self-biasing in shutdown mode.
Noise figure of 1.2dB and input P1dB of -3.5dBm make this
component ideal for receiver input lineups. The RFLA9003 is
packaged in a small 4.0mm x 4.0mm leadless laminate MCM. This
module is internally matched to 50Ω on all RF ports making it easy
to use with no external matching components required.
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9
10
11
12
24
23
22
21
20
19
RF_OUT2
RF_IN1
RF_OUT1
RF_IN2
LNA1
LNA2
Functional Block Diagram
Ordering Information
RFLA9003SQ
Sample bag with 25 pieces
RFLA9003SR
7" Reel with 100 pieces
RFLA9003TR13
13" Reel with 2500 pieces
RFLA9003PCK-410
1710MHz to 2180MHz PCBA with 5-piece sample
bag
Package: MCM, 24-pin,
4.0mm x 4.0mm
Features
Frequency Range 1710MHz to
2180MHz
Internally Matched to 50Ω on all RF
Ports
Shutdown Mode with +40dB
Isolation
Gain = >15dB per LNA
Noise Figure of 1.2dB Typical
Single +4.0V Supply
Small 24-Pin, 4.0mm x 4.0mm,
Multi-Chip Module (MCM)
Applications
Cellular Repeaters
General Purpose LNA


Similar Part No. - RFLA9003TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFLA9003 QORVO-RFLA9003 Datasheet
1Mb / 11P
   Dual Low Noise Amplifier Module 1710MHz to 2180MHz
2013
More results

Similar Description - RFLA9003TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFLA9003 QORVO-RFLA9003 Datasheet
1Mb / 11P
   Dual Low Noise Amplifier Module 1710MHz to 2180MHz
2013
logo
RF Micro Devices
RFLA1038 RFMD-RFLA1038 Datasheet
1Mb / 11P
   Variable Gain Low Noise High Linearity Amplifier 1710MHz to 1785MHz
logo
Qorvo, Inc
RFLA9002 QORVO-RFLA9002 Datasheet
983Kb / 11P
   Dual Low Noise Amplifier Module 698MHz to 960MHz
logo
RF Micro Devices
RFLA9002 RFMD-RFLA9002 Datasheet
983Kb / 11P
   Dual Low Noise Amplifier Module 698MHz to 960MHz
logo
Exar Corporation
CLC2059 EXAR-CLC2059 Datasheet
970Kb / 13P
   Dual, Low Noise, 4V to 36V Amplifier
logo
Cadeka Microcircuits LL...
CLC2059 CADEKA-CLC2059 Datasheet
1Mb / 13P
   Dual, Low Noise, 4V to 36V Amplifier
logo
Elantec Semiconductor
EL2228C ELANTEC-EL2228C Datasheet
281Kb / 12P
   Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228 INTERSIL-EL2228 Datasheet
614Kb / 10P
   Dual Low Noise Amplifier
EL2228 INTERSIL-EL2228_07 Datasheet
501Kb / 12P
   Dual Low Noise Amplifier
logo
Renesas Technology Corp
EL2228 RENESAS-EL2228 Datasheet
640Kb / 12P
   Dual Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com