Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5599 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC5599
Description  30MHz to 1300MHz Low Power Direct Quadrature Modulator
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5599 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC5599_15 Datasheet HTML 6Page - Linear Technology LTC5599_15 Datasheet HTML 7Page - Linear Technology LTC5599_15 Datasheet HTML 8Page - Linear Technology LTC5599_15 Datasheet HTML 9Page - Linear Technology LTC5599_15 Datasheet HTML 10Page - Linear Technology LTC5599_15 Datasheet HTML 11Page - Linear Technology LTC5599_15 Datasheet HTML 12Page - Linear Technology LTC5599_15 Datasheet HTML 13Page - Linear Technology LTC5599_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
LTC5599
10
5599f
For more information www.linear.com/LTC5599
Typical perForMance characTerisTics
Output IP2 vs LO Power at
fLO = 900MHz
Output IP2 vs LO Power at
fLO = 500MHz
LO Leakage vs LO Power at
fLO = 900MHz
LO Leakage vs LO Power at
fLO = 500MHz
LO Leakage vs LO Power at
fLO = 150MHz
Output IP2 vs LO Power at
fLO = 1260MHz
Output IP2 vs LO Power at
fLO = 150MHz
Output IP3 vs LO Power at
fLO = 900MHz
Output IP3 vs LO Power at
fLO = 1260MHz
VCC = 3.3V, EN = 3.3V, VCTRL = 3.3V, TC = 25°C,
PLO = 0dBm, fLO = 500MHz, BBPI, BBMI, BBPQ, BBMQ common mode DC voltage VCMBB = 1.4VDC, I and Q baseband input signal = 2MHz,
2.1MHz, 1VP-P(DIFF, I or Q), I and Q 90° shifted, lower sideband selection, TEMPUPDT = 0, register 0x00 value according to Table 5, all
other registers set to default values, unless otherwise noted. Test circuit is shown in Figure 13.
LO POWER (dBm)
–10
20
16
12
8
4
0
2
4
6
–8
–6
–2
0
5599 G38
–4
DIGITAL GAIN = –4
DIGITAL GAIN = –10
3.3V
3.6V
2.7V
85°C
105°C
–10°C
–40°C
LO POWER (dBm)
–10
75
70
65
60
55
50
45
40
2
4
6
–8
–6
–2
0
5599 G39
–4
3.3V
3.6V
2.7V
85°C
105°C
–10°C
–40°C
DIGITAL GAIN = –4 (SOLID)
DIGITAL GAIN = –10 (DASHED)
LO POWER (dBm)
–10
75
70
65
60
55
40
50
45
2
4
6
–8
–6
–2
0
5599 G40
–4
DIGITAL GAIN = –4 (SOLID)
DIGITAL GAIN = –10 (DASHED)
3.3V
3.6V
2.7V
85°C
105°C
–10°C
–40°C
LO POWER (dBm)
–10
75
70
65
60
55
40
50
45
2
4
6
–8
–6
–2
0
5599 G41
–4
DIGITAL GAIN = –4 (SOLID)
DIGITAL GAIN = –10 (DASHED)
3.3V
3.6V
2.7V
85°C
105°C
–10°C
–40°C
LO POWER (dBm)
–10
75
70
65
60
55
40
50
45
2
4
6
–8
–6
–2
0
5599 G42
–4
DIGITAL GAIN = –4 (SOLID)
DIGITAL GAIN = –10 (DASHED)
3.3V
3.6V
2.7V
85°C
105°C
–10°C
–40°C
LO POWER (dBm)
–10
–45
–50
–55
–60
2
4
6
–8
–6
–2
0
5599 G44
–4
3.3V
3.6V
2.7V
85°C
105°C
–10°C
–40°C
DIGITAL GAIN = –4
DIGITAL GAIN = –10
LO POWER (dBm)
–10
–45
–50
–55
–60
–65
–70
2
4
6
–8
–6
–2
0
5599 G45
–4
3.3V
3.6V
2.7V
85°C
105°C
–10°C
–40°C
DIGITAL GAIN = –4
DIGITAL GAIN = –10
LO POWER (dBm)
–10
23
19
15
11
7
2
4
6
–8
–6
–2
0
5599 G37
–4
DIGITAL GAIN = –4
DIGITAL GAIN = –10
3.3V
3.6V
2.7V
85°C
105°C
–10°C
–40°C
LO POWER (dBm)
–10
–45
–50
–55
–60
–65
2
4
6
–8
–6
–2
0
5599 G43
–4
DIGITAL GAIN = –4
DIGITAL
GAIN = –10
3.3V
3.6V
2.7V
85°C
105°C
–10°C
–40°C


Similar Part No. - LTC5599_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5599 LINER-LTC5599 Datasheet
1Mb / 42P
   30MHz to 1300MHz Low Power Direct Quadrature Modulator
More results

Similar Description - LTC5599_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5599 LINER-LTC5599 Datasheet
1Mb / 42P
   30MHz to 1300MHz Low Power Direct Quadrature Modulator
LTC5589 LINER-LTC5589 Datasheet
2Mb / 46P
   700MHz to 6GHz Low Power Direct Quadrature Modulator
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
   DIRECT QUADRATURE MODULATOR
RFMD0014 RFMD-RFMD0014 Datasheet
2Mb / 10P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_1 Datasheet
340Kb / 12P
   DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com