Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DKMD2081 Datasheet(PDF) 3 Page - RF Micro Devices

Part # DKMD2081
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

DKMD2081 Datasheet(HTML) 3 Page - RF Micro Devices

  DKMD2081 Datasheet HTML 1Page - RF Micro Devices DKMD2081 Datasheet HTML 2Page - RF Micro Devices DKMD2081 Datasheet HTML 3Page - RF Micro Devices DKMD2081 Datasheet HTML 4Page - RF Micro Devices DKMD2081 Datasheet HTML 5Page - RF Micro Devices DKMD2081 Datasheet HTML 6Page - RF Micro Devices DKMD2081 Datasheet HTML 7Page - RF Micro Devices DKMD2081 Datasheet HTML 8Page - RF Micro Devices DKMD2081 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3 of 18
RFMD2081
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Modulator (Output driving 4:1 balun)
I & Q Input 3dB Bandwidth
100
MHz
I & Q Input Voltage
1
VP-P
Differential with 1.3V Input DC Bias
Output Power
-4
dBm
Output Noise Floor
-162
dBm/Hz
At 10MHz Offset with 1.3V Input DC Bias
Output IP3
+17
dBm
1.3V Input DC Bias
Output P1dB
+4
dBm
1.3V Input DC Bias
Carrier Suppression
-40
dBc
Unadjusted
Carrier Suppression
-50
dBc
Input DC Bias Offset Adjusted
Sideband Suppression
-40
dBc
Unadjusted
Output Port Center Frequency Range
45
2700
MHz
Reference Oscillator
External Reference Frequency
10
104
MHz
Reference Divider Ratio
1
7
External Reference Input Level
500
800
1500
mVP-P
AC-coupled
Synthesizer
(PLL closed loop, 52MHz reference)
Synthesizer Output frequency
90
5400
MHz
Phase Detector Frequency
52
MHz
Phase Noise, LO=1GHz
-108
dBc/Hz
10kHz Offset
-108
dBc/Hz
100kHz Offset
-135
dBc/Hz
1
MHz Offset
0.19
Deg
RMS Integrated from 1KHz to 40MHz
Phase Noise, LO=2GHz
-102
dBc/Hz
10kHz Offset
-102
dBc/Hz
100kHz Offset
-130
dBc/Hz
1MHz Offset
0.32
Deg
RMS Integrated from 1KHz to 40MHz
Normalized phase noise floor
-214
dBc/Hz
Measured at 20kHz to 30kHz Offset
Voltage Controlled Oscillator
Open Loop Phase Noise at 1MHz Offset
2.5GHz LO Frequency
-134
dBc/Hz
VCO3, LO Divide by 2
2.0GHz LO Frequency
-135
dBc/Hz
VCO2, LO Divide by 2
1.5GHz LO Frequency
-136
dBc/Hz
VCO1, LO Divide by 2
Open loop phase noise at 10MHz offset
2.5GHz LO Frequency
-149
dBc/Hz
VCO3, LO Divide by 2
2.0GHz LO Frequency
-150
dBc/Hz
VCO2, LO Divide by 2
1.5GHz LO Frequency
-151
dBc/Hz
VCO1, LO Divide by 2
External LO Input
LO Input Frequency Range
90
5400
MHz
External LO Input Level
0
dBm
Driven from 50
 source via a 1:1 balun


Similar Part No. - DKMD2081

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
DKMD2080 RFMD-DKMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
More results

Similar Description - DKMD2081

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFMD2081 QORVO-RFMD2081 Datasheet
2Mb / 18P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
logo
RF Micro Devices
RFMD2080 RFMD-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
logo
Texas Instruments
TRF372017 TI1-TRF372017_16 Datasheet
1Mb / 60P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
TRF372017 TI1-TRF372017 Datasheet
2Mb / 62P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
logo
RF Micro Devices
RFMD2014 RFMD-RFMD2014 Datasheet
771Kb / 10P
   DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
logo
Qorvo, Inc
RFFC2071 QORVO-RFFC2071 Datasheet
1Mb / 23P
   2.7GHz RF SYNTHESIZER/VCO WITH 2.7GHz RF SYNTHESIZER/VCO WITH
logo
Texas Instruments
TRF3040 TI-TRF3040 Datasheet
576Kb / 40P
[Old version datasheet]   MODULATOR/SYNTHESIZER
logo
NEC
UPC8158K NEC-UPC8158K_01 Datasheet
66Kb / 5P
   AGC/UP-CONVERTER WITH IQ MODULATOR
logo
Analog Devices
ADF4350 AD-ADF4350 Datasheet
803Kb / 28P
   Wideband Synthesizer with Integrated VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com