Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA1012SR Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA1012SR
Description  GaAs HBT 400MHz to 2700MHz Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1012SR Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA1012SR Datasheet HTML 1Page - RF Micro Devices RFPA1012SR Datasheet HTML 2Page - RF Micro Devices RFPA1012SR Datasheet HTML 3Page - RF Micro Devices RFPA1012SR Datasheet HTML 4Page - RF Micro Devices RFPA1012SR Datasheet HTML 5Page - RF Micro Devices RFPA1012SR Datasheet HTML 6Page - RF Micro Devices RFPA1012SR Datasheet HTML 7Page - RF Micro Devices RFPA1012SR Datasheet HTML 8Page - RF Micro Devices RFPA1012SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2 of 11
RFPA1012
DS150622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VCC and VBIAS)6.5
V
Reference Current (IREF)5
mA
DC Supply Current (IC)
256
mA
CW Input Power, 2:1 Output VSWR
23
dBm
Output Load VSWR at P3dB
5:1
Operating Junction Temperature (TJ)160
°C
Operating Temperature Range (TL)
-40 to +
105
°C
Storage Temperature
-55 to +150
°C
ESD Rating: Human Body Model (HBM)
Class 1B
Moisture Sensitvity Level
MSL 1
Notes: 1. The maximum ratings must all be met simultaneously.
2. PDISS = PDC + PRFIN - PRFOUT
3. TJ = TL + PDISS * RTH
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
860MHz to 960MHz
VCC = 5.0V, VREF = 5.0V, ICQ = 90mA, T = 25°C
Frequency
860
960
MHz
Evaluation Circuit
Gain (S21)
16
dB
OIP3
44
dBm
6dBm/tone, tone spacing = 1MHz
P1dB
25
dBm
Input Return Loss (S11)
16
dB
Output Return Loss (S22)
11
dB
Noise Figure
3.5
dB
T = 25°C
2110MHz to 2170MHz
VCC = 5.0V, VREF = 5.0V, ICQ = 90mA, T = 25°C
Frequency
2110
2170
MHz
Evaluation Circuit
Gain (S21)
13.9
dB
OIP3
42
dBm
6dBm/tone, tone spacing = 1MHz
P1dB
22.5
dBm
Input Return Loss (S11)
11
dB
Output Return Loss (S22)
11
dB
Noise Figure
3.2
dB
T = 25°C
Power Supply
Operating Current (Quiescent)
90
mA
At VCC = 5.0V
Operating Voltage (VCC)
5.0
6.0
V
Max recommended collector voltage
Thermal Resistance (RTH)
93.5
°C/W
At quiescent current, no RF
Power Down Current
10
AAt VREF = 0V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.


Similar Part No. - RFPA1012SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA1545 RFMD-RFPA1545 Datasheet
2Mb / 19P
   No Power Supply Sequencing
RFPA1702 RFMD-RFPA1702 Datasheet
911Kb / 9P
   17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
RFPA1702PCBA-410 RFMD-RFPA1702PCBA-410 Datasheet
911Kb / 9P
   17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
RFPA1702S2 RFMD-RFPA1702S2 Datasheet
911Kb / 9P
   17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
RFPA1702SB RFMD-RFPA1702SB Datasheet
911Kb / 9P
   17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
More results

Similar Description - RFPA1012SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA2189 RFMD-RFPA2189 Datasheet
863Kb / 11P
   GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
RFPA2013 RFMD-RFPA2013 Datasheet
1Mb / 20P
   GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2545 RFMD-RFPA2545 Datasheet
2Mb / 19P
   Broadband 4W GaAs HBT Power Amplifier 1400MHz to 2700MHz
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
   GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
SXB4089Z RFMD-SXB4089Z Datasheet
780Kb / 11P
   400MHz to 2500MHz 쩍W MEDIUM POWER InGaP/GaAs HBT AMPLIFIER
logo
List of Unclassifed Man...
RFPA2013 ETC2-RFPA2013 Datasheet
677Kb / 1P
   RFPA2013 and RFPA2189 GaAs HBT Power Amplifier, 0.5W, 400 to 2700MHz
logo
RF Micro Devices
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
   InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
RFDA0057 RFMD-RFDA0057 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2700MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com