Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA2002PCK-410 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFPA2002PCK-410
Description  Integrated Power Amplifier 1750MHz to 2200MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2002PCK-410 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFPA2002PCK-410 Datasheet HTML 4Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 5Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 6Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 7Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 8Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 9Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 10Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 11Page - RF Micro Devices RFPA2002PCK-410 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150209
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
11 of 12
RFPA2002
Evaluation Board Assembly Drawing 1750MHz to 2200MHz Application Circuit


Similar Part No. - RFPA2002PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2005 RFMD-RFPA2005 Datasheet
793Kb / 9P
   Integrated Power Amplifier Module 1805MHz to 2170MHz
RFPA2005PCK-410 RFMD-RFPA2005PCK-410 Datasheet
793Kb / 9P
   Integrated Power Amplifier Module 1805MHz to 2170MHz
RFPA2005SQ RFMD-RFPA2005SQ Datasheet
793Kb / 9P
   Integrated Power Amplifier Module 1805MHz to 2170MHz
RFPA2005SR RFMD-RFPA2005SR Datasheet
793Kb / 9P
   Integrated Power Amplifier Module 1805MHz to 2170MHz
RFPA2005TR13 RFMD-RFPA2005TR13 Datasheet
793Kb / 9P
   Integrated Power Amplifier Module 1805MHz to 2170MHz
More results

Similar Description - RFPA2002PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3165 RFMD-RF3165_06 Datasheet
79Kb / 6P
   3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3165 RFMD-RF3165_1 Datasheet
177Kb / 6P
   3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
logo
Stealth Microwave, Inc.
SM2122-44L STEALTH_MICROWAVE-SM2122-44L Datasheet
174Kb / 3P
   2100-2200MHz 25 Watt Linear Power Amplifier
logo
RF Micro Devices
RF2460 RFMD-RF2460 Datasheet
592Kb / 20P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHZ TO 2200MHZ DOWNCONVERTER
logo
Renesas Technology Corp
F0111 RENESAS-F0111 Datasheet
1Mb / 21P
   Dual Path Ultra-Low Noise Amplifier 2200MHz to 4200MHz
Jan 13, 2022
logo
Maxim Integrated Produc...
MAX9996EVKIT MAXIM-MAX9996EVKIT Datasheet
570Kb / 8P
   1700MHz to 2200MHz RF Frequency
Rev 0; 1/05
MAX9994EVKIT MAXIM-MAX9994EVKIT Datasheet
488Kb / 9P
   1700MHz to 2200MHz RF Frequency
Rev 2; 3/21
logo
RF Micro Devices
RF2460 RFMD-RF2460_06 Datasheet
618Kb / 24P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
RF2460 RFMD-RF2460_1 Datasheet
795Kb / 26P
   PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2059 MAXIM-MAX2059 Datasheet
789Kb / 14P
   1700MHz to 2200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 7/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com