Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA2005SR Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA2005SR
Description  Integrated Power Amplifier Module 1805MHz to 2170MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2005SR Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA2005SR Datasheet HTML 1Page - RF Micro Devices RFPA2005SR Datasheet HTML 2Page - RF Micro Devices RFPA2005SR Datasheet HTML 3Page - RF Micro Devices RFPA2005SR Datasheet HTML 4Page - RF Micro Devices RFPA2005SR Datasheet HTML 5Page - RF Micro Devices RFPA2005SR Datasheet HTML 6Page - RF Micro Devices RFPA2005SR Datasheet HTML 7Page - RF Micro Devices RFPA2005SR Datasheet HTML 8Page - RF Micro Devices RFPA2005SR Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141031
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 9
RFPA2005
Integrated Power Amplifier Module
1805MHz to 2170MHz
The RFPA2005 is a two-stage power amplifier (PA) designed for
Small Cell Base Stations. Its broadband quadrature design
supports usage in multiple bands with excellent output return loss
and load tolerance. When used with DPD, the RFPA2005 delivers
up to 24dBm LTE Downlink (CFR 8dB) with ACPR < -50dBc.
GND
RFIN
GND
GND
VBIAS
VEN
GND
GND
RFOUT
GND
NC
VCC2
VCC1
GND
NC
GND
1
2
3
4
6
7
8
9
10
11
12
13
14
15
Split
IMN
Combine
OMN
5
16
Bias
Circuitry
Functional Block Diagram
Ordering Information
RFPA2005SQ
Sample bag with 25 pieces
RFPA2005SR
7" Reel with 100 pieces
RFPA2005TR13
13" Reel with 2500 pieces
RFPA2005PCK-410
1805MHz to 2170MHz PCBA with 5-piece sample
bag
Package: Module, 16-pin,
5.0mm x 5.0mm x 1.175mm
Features
POUT = 24dBm, 22% PAE, with
3.3V, 20MHz LTE DL, CFR 8dB
ACPR < -50dBc with DPD
25dB Gain in Band 4(1)
Integrated Matching to 50
Integrated DC Block Capacitors
Broadband Quadrature Design
Excellent Output Return Loss
Covers 3GPP Downlink in Bands:
2(25), 3, 4(1)
VSWR Tolerant, Load Insensitive
Applications
Small Cell Base Stations
Data Cards with Terminals
Customer Premise Equipment
RFPA2005


Similar Part No. - RFPA2005SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2002 RFMD-RFPA2002 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002PCK-410 RFMD-RFPA2002PCK-410 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002SQ RFMD-RFPA2002SQ Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002SR RFMD-RFPA2002SR Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002TR7 RFMD-RFPA2002TR7 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
More results

Similar Description - RFPA2005SR

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1024 NTE-NTE1024 Datasheet
18Kb / 2P
   Integrated Circuit Module - Hybrid, Audio Power Amplifier
NTE1027 NTE-NTE1027 Datasheet
18Kb / 2P
   Integrated Circuit Module - Hybrid, Audio Power Amplifier
logo
RF Micro Devices
RFPA2002 RFMD-RFPA2002 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
   Integrated Power Amplifier 700MHz to 950MHz
RFPA1802 RFMD-RFPA1802 Datasheet
872Kb / 10P
   Integrated Power Amplifier 1600MHz to 2000MHz
logo
List of Unclassifed Man...
MA413.A.B.002 ETC2-MA413.A.B.002 Datasheet
3Mb / 35P
   LTE 698 to 960MHz/1710 to 2170MHz
logo
NTE Electronics
NTE1819 NTE-NTE1819 Datasheet
23Kb / 2P
   Integrated Circuit Module, AF Power Amplifier, 30W/Ch
logo
Fuji Electric
7MBR15SA140 FUJI-7MBR15SA140 Datasheet
2Mb / 10P
   Power Integrated Module
logo
ANADIGICS, Inc
AWT6172 ANADIGICS-AWT6172 Datasheet
802Kb / 20P
   GSM/GPRS/EDGE Power Amplifier Module with Integrated Power Control
logo
Taoglas antenna solutio...
FXP29.07.0070A TAOGLAS-FXP29.07.0070A Datasheet
2Mb / 11P
   1920-2170MHz Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com