Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA2026 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA2026
Description  3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2026 Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA2026 Datasheet HTML 1Page - RF Micro Devices RFPA2026 Datasheet HTML 2Page - RF Micro Devices RFPA2026 Datasheet HTML 3Page - RF Micro Devices RFPA2026 Datasheet HTML 4Page - RF Micro Devices RFPA2026 Datasheet HTML 5Page - RF Micro Devices RFPA2026 Datasheet HTML 6Page - RF Micro Devices RFPA2026 Datasheet HTML 7Page - RF Micro Devices RFPA2026 Datasheet HTML 8Page - RF Micro Devices RFPA2026 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140915
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
2 of 25
RFPA2026
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VDD)
7.0
V
Amp1 DC Current (ICC1)
100
mA
Amp2 DC Current (ICC2)
250
mA
Amp3 DC Current (
ICC3)
1500
mA
CW Input Power, 50
Ω, 2-Stage Operation
18
dBm
CW Input Power, 50
Ω, 3-Stage Operation
18
dBm
Modulated (WCDMA) Input Power, 6:1 Output
VSWR, 2-Stage Operation
10
dBm
Modulated (WCDMA) Input Power, 6:1 Output
VSWR, 3-Stage Operation
18
dBm
Junction Temperature
175
°C
Storage Temperature Range
-40 to +150
°C
ESD Rating - Human Body Model (HBM)
Class 1A
Moisture Sensitivity Level
MSL3
Notes:
1.
The maximum ratings must all be met simultaneously
2.
PDISS = PDC + PRFIN – PRFOUT
3.
TJ = TL + PDISS * RTH
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Recommended Operating Condition
Parameter
Specification
Unit
Min
Typ
Max
Operating Temperature Range
-40
+85
°C
Operating Junction Temperature >1E6 Hours, MTTF
160
°C
Collector Voltage
1
4.75
5
5.25
V
Note 1: Max recommended operational collector voltage
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
728MHz to 768MHz
VCC = 5.0V, Temp = 25°C, Optimized for -45dBc ACPR
at rated power
Frequency
748
MHz
Input Power (PIN)
-4
dBm
Max recommended continuous input power, VCC = 5.0V, Load VSWR = 2:1
Gain
33.5
dB
Stage 1 bypassed
ACPR
-48
dBc
RF Output Power = 24dBm, WCDMA 3GPP 3.5, test model 1, 64 DPCH
P1dB
33
dBm
Output IP3
44
dBm
At 21dBm per tone, 1MHz spacing with WCDMA ACPR tune


Similar Part No. - RFPA2026

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2002 RFMD-RFPA2002 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002PCK-410 RFMD-RFPA2002PCK-410 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002SQ RFMD-RFPA2002SQ Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002SR RFMD-RFPA2002SR Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002TR7 RFMD-RFPA2002TR7 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
More results

Similar Description - RFPA2026

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2235 RFMD-RFPA2235 Datasheet
1Mb / 20P
   Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
   3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
   GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
   Integrated Power Amplifier 700MHz to 950MHz
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
   700MHz to 2.7GHz 5V 1W Power Amplifier
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
   InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com