Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA2026SR Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPA2026SR
Description  3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2026SR Datasheet(HTML) 3 Page - RF Micro Devices

  RFPA2026SR Datasheet HTML 1Page - RF Micro Devices RFPA2026SR Datasheet HTML 2Page - RF Micro Devices RFPA2026SR Datasheet HTML 3Page - RF Micro Devices RFPA2026SR Datasheet HTML 4Page - RF Micro Devices RFPA2026SR Datasheet HTML 5Page - RF Micro Devices RFPA2026SR Datasheet HTML 6Page - RF Micro Devices RFPA2026SR Datasheet HTML 7Page - RF Micro Devices RFPA2026SR Datasheet HTML 8Page - RF Micro Devices RFPA2026SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140915
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 25
RFPA2026
Parameter
Specification
Unit
Condition
Min
Typ
Max
728MHz to 768MHz
VCC = 5.0V, Temp = 25°C, Optimized for -45dBc ACPR
at rated power
Detector Output Voltage
1.1
V
CW RF output power = 24dBm with 0.3pF coupling capacitor
Input Return Loss
20
dB
Output Return Loss
20
dB
Noise Figure
4.5
dB
2.11GHz to 2.17GHz
VCC = 5.0V, Temp = 25°C, Optimized for -45dBc ACPR
at rated power
Frequency
2.14
GHz
Input Power (PIN)
0
dBm
Max recommended continuous input power, VCC = 5.0V, Load VSWR = 2:1
Gain
34
38
42
dB
ACPR
-48
-42
dBc
RF Output Power = 24dBm, WCDMA 3GPP 3.5, test model 1, 64 DPCH
P1dB
33
dBm
Output IP3
46
dBm
At 21dBm per tone, 1MHz spacing with WCDMA ACPR tune
Detector Output Voltage
1.0
V
CW RF output power = 24dBm with 0.2pF coupling capacitor
Input Return Loss
17
dB
Output Return Loss
25
dB
Noise Figure
5.2
dB
2.58GHz to 2.69GHz
VCC = 5.0V, Temp = 25°C, Optimized for -45dBc ACPR
at rated power
Frequency
2.65
GHz
Input Power (PIN)
-5
dBm
Max recommended continuous input power, VCC = 5.0V, Load VSWR = 2:1
Gain
37
dB
ACPR
-48
dBc
RF Output Power = 24dBm, WCDMA 3GPP 3.5, test model 1, 64 DPCH
P1dB
33
dBm
Output IP3
45
dBm
At 21dBm per tone, 1MHz spacing with WCDMA ACPR tune
Detector Output Voltage
1.1
V
CW RF output power = 24dBm with 0.2pF coupling capacitor
Input Return Loss
16
dB
Output Return Loss
11
dB
Noise Figure
5.6
dB
Power Supply
Temp = 25°
Amp1 Quiescent Current
37
48
57
mA
At VCC1 = VBIAS = 5V, VPC_EN = 1.8V, off for 750MHz band
Amp2 Quiescent Current
90
115
130
mA
At VCC2 = VBIAS = 5V, VPC_EN = 1.8V
Amp3 Quiescent Current
420
460
525
mA
At VCC3 = VBIAS = 5V, VPC_EN = 1.8V
VBIAS
4.75
5
5.25
V
VBIAS = VCC under normal operating conditions


Similar Part No. - RFPA2026SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2002 RFMD-RFPA2002 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002PCK-410 RFMD-RFPA2002PCK-410 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002SQ RFMD-RFPA2002SQ Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002SR RFMD-RFPA2002SR Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002TR7 RFMD-RFPA2002TR7 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
More results

Similar Description - RFPA2026SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2235 RFMD-RFPA2235 Datasheet
1Mb / 20P
   Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
   3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
   GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
   Integrated Power Amplifier 700MHz to 950MHz
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
   700MHz to 2.7GHz 5V 1W Power Amplifier
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
   InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com