Electronic Components Datasheet Search |
|
RFPA5026TR7 Datasheet(PDF) 2 Page - RF Micro Devices |
|
RFPA5026TR7 Datasheet(HTML) 2 Page - RF Micro Devices |
2 / 16 page 2 of 16 RFPA5026 DS121114 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com. Absolute Maximum Ratings Parameter Rating Unit VC1 Collector Bias Current (IVC1) 1500 mA Device Voltage (VD)* 6.0 V Power Dissipation (PDISS)6 W Operating Lead Temperature (TL)-40 to +85 °C **Max RF output Power for 50 continuous long term operation 30 dBm Max Modulated (***OFDM) RF Input Power for 50 output load 28 dBm Max Modulated (***OFDM) RF Input Power for 10:1 VSWR output load 21 dBm Storage Temperature Range -40 to +150 °C Operating Junction Temperature (TJ)+150 °C ESD Human Body Model 1000 V Moisture Sensitivity Level MSL 1 *No RF Drive **With specified application circuit ***Modulation schemes include 802.11a/g, 802.16 Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation, the device voltage and current must not exceed the maximum operating values specified in the table on page one. Bias Conditions should also satisfy the following expression: IDVD<(TJ-TL)/RTH, j-l Parameter Specification Unit Condition Min. Typ. Max. Frequency of Operation 4900 5900 MHz Output Power at 1dB Compression 32.5 dBm 5.9GHz Small Signal Gain 8.8 dBm 5.9GHz EVM at 25dBm Output Power 2.5 % 5.9GHz, 802.11a 54Mb/s Third Order Suppression -45.0 dBc 5.9GHz, POUT=23dBm per tone Noise Figure 5.4 dB 5.9GHz Worst Case Input Return Loss 19.0 dB 5.7GHz to 5.9GHz Worst Case Output Return Loss 13.0 dB 5.7GHz to 5.9GHz Power Detector Range 0.8 3.0 V POUT=10dBm to 30dBm Quiescent Current 602 mA VCC=5V Power Up Control Current 2.7 mA VPC=5V VCC Leakage Current 10 AVCC=5V, VPC=0V Thermal Resistance 14.0 °C/W Junction-to-Lead Test Conditions: Z0=50, VCC=5V, IQ=602mA, TBP=30°C Caution! ESD sensitive device. Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended application of Absolute Maximum Rating conditions to the device may reduce device reliability. Specified typical perfor- mance or functional operation of the device under Absolute Maximum Rating condi- tions is not implied. The information in this publication is believed to be accurate and reliable. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended appli- cation circuitry and specifications at any time without prior notice. RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric materials and red phosphorus as a flame retardant, and <2% antimony in solder. |
Similar Part No. - RFPA5026TR7 |
|
Similar Description - RFPA5026TR7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |