Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA5201E Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFPA5201E
Description  WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5201E Datasheet(HTML) 6 Page - RF Micro Devices

  RFPA5201E Datasheet HTML 1Page - RF Micro Devices RFPA5201E Datasheet HTML 2Page - RF Micro Devices RFPA5201E Datasheet HTML 3Page - RF Micro Devices RFPA5201E Datasheet HTML 4Page - RF Micro Devices RFPA5201E Datasheet HTML 5Page - RF Micro Devices RFPA5201E Datasheet HTML 6Page - RF Micro Devices RFPA5201E Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140331
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 7
RFPA5201E
PCB Pattern
Notes
1. Shaded area represents Pin 1 location.


Similar Part No. - RFPA5201E

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPA5201E QORVO-RFPA5201E Datasheet
248Kb / 7P
   WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
RFPA5201EPCK-410 QORVO-RFPA5201EPCK-410 Datasheet
248Kb / 7P
   WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
RFPA5201ESB QORVO-RFPA5201ESB Datasheet
248Kb / 7P
   WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
RFPA5201ESQ QORVO-RFPA5201ESQ Datasheet
248Kb / 7P
   WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
RFPA5201ESR QORVO-RFPA5201ESR Datasheet
248Kb / 7P
   WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
More results

Similar Description - RFPA5201E

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPA5201E QORVO-RFPA5201E Datasheet
248Kb / 7P
   WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
logo
RF Micro Devices
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
   WiFi Power Amplifier 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RF5565 QORVO-RF5565 Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
logo
RF Micro Devices
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
   2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
Qorvo, Inc
RFFM4293 QORVO-RFFM4293 Datasheet
218Kb / 9P
   3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM4203 RFMD-RFFM4203 Datasheet
519Kb / 8P
   3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
logo
Qorvo, Inc
RFFM4203 QORVO-RFFM4203 Datasheet
201Kb / 9P
   3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM4202 RFMD-RFFM4202 Datasheet
1Mb / 15P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com