Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA5522SB Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFPA5522SB
Description  WiFi Integrated PA Module 4.9GHz to 5.925GHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5522SB Datasheet(HTML) 9 Page - RF Micro Devices

  RFPA5522SB Datasheet HTML 1Page - RF Micro Devices RFPA5522SB Datasheet HTML 2Page - RF Micro Devices RFPA5522SB Datasheet HTML 3Page - RF Micro Devices RFPA5522SB Datasheet HTML 4Page - RF Micro Devices RFPA5522SB Datasheet HTML 5Page - RF Micro Devices RFPA5522SB Datasheet HTML 6Page - RF Micro Devices RFPA5522SB Datasheet HTML 7Page - RF Micro Devices RFPA5522SB Datasheet HTML 8Page - RF Micro Devices RFPA5522SB Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 of 9
RFPA5522
RFMD + TriQuint = Qorvo
Pin Names and Descriptions
Pin
Name
Description
1
NC
Not connected internally. It may be left floating or connected to ground.
2
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
3
RFIN
RF inp
ut, internally matched to 50Ω and DC shorted. External DC blocking capacitor required.
4
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
5
PA_EN
PA Enable pin. Apply <0.4VDC. Apply 1.5VDC to VCC to enable PA.
6
RC1
Tuning RC pin 1. See EVB schematic for details.
7
RC2
Tuning RC pin 2. See EVB schematic for details.
8
NC
Not connected internally. It may be left floating or connected to ground.
9
NC
Not connected internally. It may be left floating or connected to ground.
10
PDET
Power detector. Provides an output voltage proportional to the RF output power level.
11
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
12
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
13
RFOUT
RF outp
ut, internally matched to 50Ω and DC shorted. External DC blocking capacitor required.
14
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
15
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
16
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
17
GND
Ground connection. This pin is not connected internally and can be left floating or connected to ground.
18
VCC3
Third stage supply voltage
19
VCC2
Second stage supply voltage.
20
VCC1
First stage supply voltage.
Pkg Base
GND
Ground connection. The back side of the package should be connected to the ground plan though as short of
a connection as possible. PCB vias under the device are recommended.
Revision DS20150303
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com


Similar Part No. - RFPA5522SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA5512 RFMD-RFPA5512 Datasheet
212Kb / 8P
   WiFi Integrated PA Module 4.9GHz to 5.85GHz
logo
Qorvo, Inc
RFPA5512 QORVO-RFPA5512 Datasheet
396Kb / 8P
   WiFi Integrated PA Module 4.9GHz to 5.85GHz
logo
RF Micro Devices
RFPA5512PCK-410 RFMD-RFPA5512PCK-410 Datasheet
212Kb / 8P
   WiFi Integrated PA Module 4.9GHz to 5.85GHz
logo
Qorvo, Inc
RFPA5512PCK-410 QORVO-RFPA5512PCK-410 Datasheet
396Kb / 8P
   WiFi Integrated PA Module 4.9GHz to 5.85GHz
logo
RF Micro Devices
RFPA5512SB RFMD-RFPA5512SB Datasheet
212Kb / 8P
   WiFi Integrated PA Module 4.9GHz to 5.85GHz
More results

Similar Description - RFPA5522SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA5542 RFMD-RFPA5542 Datasheet
391Kb / 7P
   WiFi Integrated PA Module 4.9GHz to 5.925GHz
logo
Qorvo, Inc
RFPA5542 QORVO-RFPA5542 Datasheet
416Kb / 8P
   WiFi Integrated PA Module 4.9GHz to 5.925GHz
logo
RF Micro Devices
RFPA5512 RFMD-RFPA5512 Datasheet
212Kb / 8P
   WiFi Integrated PA Module 4.9GHz to 5.85GHz
logo
Qorvo, Inc
RFPA5512 QORVO-RFPA5512 Datasheet
396Kb / 8P
   WiFi Integrated PA Module 4.9GHz to 5.85GHz
RFFM4554 QORVO-RFFM4554 Datasheet
162Kb / 2P
   Wi-Fi Integrated Front End Module 4.9GHz to 5.925GHz
RFFM4551 QORVO-RFFM4551 Datasheet
135Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4552 QORVO-RFFM4552 Datasheet
207Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
logo
RF Micro Devices
RFFM4551 RFMD-RFFM4551 Datasheet
338Kb / 10P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
logo
Qorvo, Inc
RFFM8550 QORVO-RFFM8550 Datasheet
344Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Switch LNA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com