Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFPA5522TR13 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFPA5522TR13
Description  WiFi Integrated PA Module 4.9GHz to 5.925GHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5522TR13 Datasheet(HTML) 8 Page - RF Micro Devices

  RFPA5522TR13 Datasheet HTML 1Page - RF Micro Devices RFPA5522TR13 Datasheet HTML 2Page - RF Micro Devices RFPA5522TR13 Datasheet HTML 3Page - RF Micro Devices RFPA5522TR13 Datasheet HTML 4Page - RF Micro Devices RFPA5522TR13 Datasheet HTML 5Page - RF Micro Devices RFPA5522TR13 Datasheet HTML 6Page - RF Micro Devices RFPA5522TR13 Datasheet HTML 7Page - RF Micro Devices RFPA5522TR13 Datasheet HTML 8Page - RF Micro Devices RFPA5522TR13 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 of 9
RFPA5522
RFMD + TriQuint = Qorvo
PCB Patterns
Revision DS20150303
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com


Similar Part No. - RFPA5522TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA5512 RFMD-RFPA5512 Datasheet
212Kb / 8P
   WiFi Integrated PA Module 4.9GHz to 5.85GHz
logo
Qorvo, Inc
RFPA5512 QORVO-RFPA5512 Datasheet
396Kb / 8P
   WiFi Integrated PA Module 4.9GHz to 5.85GHz
logo
RF Micro Devices
RFPA5512PCK-410 RFMD-RFPA5512PCK-410 Datasheet
212Kb / 8P
   WiFi Integrated PA Module 4.9GHz to 5.85GHz
logo
Qorvo, Inc
RFPA5512PCK-410 QORVO-RFPA5512PCK-410 Datasheet
396Kb / 8P
   WiFi Integrated PA Module 4.9GHz to 5.85GHz
logo
RF Micro Devices
RFPA5512SB RFMD-RFPA5512SB Datasheet
212Kb / 8P
   WiFi Integrated PA Module 4.9GHz to 5.85GHz
More results

Similar Description - RFPA5522TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA5542 RFMD-RFPA5542 Datasheet
391Kb / 7P
   WiFi Integrated PA Module 4.9GHz to 5.925GHz
logo
Qorvo, Inc
RFPA5542 QORVO-RFPA5542 Datasheet
416Kb / 8P
   WiFi Integrated PA Module 4.9GHz to 5.925GHz
logo
RF Micro Devices
RFPA5512 RFMD-RFPA5512 Datasheet
212Kb / 8P
   WiFi Integrated PA Module 4.9GHz to 5.85GHz
logo
Qorvo, Inc
RFPA5512 QORVO-RFPA5512 Datasheet
396Kb / 8P
   WiFi Integrated PA Module 4.9GHz to 5.85GHz
RFFM4554 QORVO-RFFM4554 Datasheet
162Kb / 2P
   Wi-Fi Integrated Front End Module 4.9GHz to 5.925GHz
RFFM4551 QORVO-RFFM4551 Datasheet
135Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4552 QORVO-RFFM4552 Datasheet
207Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
logo
RF Micro Devices
RFFM4551 RFMD-RFFM4551 Datasheet
338Kb / 10P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
logo
Qorvo, Inc
RFFM8550 QORVO-RFFM8550 Datasheet
344Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Switch LNA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com