Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4620A Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4620A
Description  Dual 13A or Single 26A DC/DC Module Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4620A Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4620A_15 Datasheet HTML 3Page - Linear Technology LTM4620A_15 Datasheet HTML 4Page - Linear Technology LTM4620A_15 Datasheet HTML 5Page - Linear Technology LTM4620A_15 Datasheet HTML 6Page - Linear Technology LTM4620A_15 Datasheet HTML 7Page - Linear Technology LTM4620A_15 Datasheet HTML 8Page - Linear Technology LTM4620A_15 Datasheet HTML 9Page - Linear Technology LTM4620A_15 Datasheet HTML 10Page - Linear Technology LTM4620A_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LTM4620A
7
4620afb
For more information www.linear.com/LTM4620A
TYPICAL PERFORMANCE CHARACTERISTICS
12V to 5V Load Step Response
Single Phase Start-Up, 13A Load
Output Current Sharing
12V to 1.5V, 0A Load
Short-Circuit Testing
12V to 1.5V, 13A No Load
Short-Circuit Testing
12V to 1.5V Start-Up, No Load
500mV/DIV
10ms/DIV
12VIN, 1.5VOUT AT NO LOAD
COUT = 2 × 470µF, 4V SANYO POSCAP,
1
× 100µF, 6.3V CERAMIC
SOFT-START CAPACITOR = 0.01µF
USE RUN PIN TO CONTROL START-UP
4620A G12
500mV/DIV
10ms/DIV
12VIN, 1.5VOUT AT 13A LOAD
COUT = 2 × 470µF, 4V SANYO POSCAP,
1
× 100µF, 6.3V CERAMIC
SOFT-START CAPACITOR = 0.01µF
USE RUN PIN TO CONTROL START-UP
4620A G13
500mV/DIV
1A/DIV
25ms/DIV
12VIN, 1.5VOUT AT 0A LOAD
COUT = 2 × 470µF, 4V SANYO POSCAP,
1
× 100µF, 6.3V X5R CERAMIC
SOFT-START CAPACITOR = 0.01µF
USE RUN PIN TO CONTROL START-UP
4620A G14
500mV/DIV
10A/DIV
25ms/DIV
12VIN, 1.5VOUT AT 13A LOAD
COUT = 2 × 470µF, 4V SANYO POSCAP,
1
× 100µF, 6.3V X5R CERAMIC
SOFT-START CAPACITOR = 0.01µF
USE RUN PIN TO CONTROL START-UP
4620A G15
100mV/DIV
50µs/DIV
CFF = 47pF
COUT = 100µF CERAMIC X7R
4620A G10
5A/DIV
6A/µs STEP
TOTAL OUTPUT CURRENT (A)
6
9
10
4620A G11
5
4
0
19
22
4
8
16
2
6
11
2
12
11
8
7
3
1
IOUT1
IOUT2


Similar Part No. - LTM4620A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4620A LINER-LTM4620A Datasheet
554Kb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
LTM4620A LINER-LTM4620A Datasheet
1Mb / 36P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
logo
Linear Dimensions Semic...
LTM4620A LINEAR_DIMENSIONS-LTM4620A Datasheet
872Kb / 30P
   Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Technology
LTM4620A LINER-LTM4620A Datasheet
2Mb / 136P
   Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
LTM4620A LINER-LTM4620A Datasheet
1Mb / 32P
   20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
More results

Similar Description - LTM4620A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4620 LINER-LTM4620_15 Datasheet
657Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620 LINER-LTM4620 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4620A LINER-LTM4620A Datasheet
554Kb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A Datasheet
2Mb / 136P
   Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
LTM4630 LINER-LTM4630_15 Datasheet
643Kb / 34P
   Dual 18A or Single 36A DC/DC Module Regulator
LTM4628 LINER-LTM4628_15 Datasheet
1Mb / 36P
   Dual 8A or Single 16A DC/DC Module Regulator
LTM4630A LINER-LTM4630A Datasheet
1Mb / 38P
   Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4650AEY LINER-LTM4650AEY Datasheet
1Mb / 12P
   Dual 25A or Single 50A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com