Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4620A Datasheet(PDF) 2 Page - Linear Technology

Part # LTM4620A
Description  Dual 13A or Single 26A DC/DC Module Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4620A Datasheet(HTML) 2 Page - Linear Technology

  LTM4620A_15 Datasheet HTML 1Page - Linear Technology LTM4620A_15 Datasheet HTML 2Page - Linear Technology LTM4620A_15 Datasheet HTML 3Page - Linear Technology LTM4620A_15 Datasheet HTML 4Page - Linear Technology LTM4620A_15 Datasheet HTML 5Page - Linear Technology LTM4620A_15 Datasheet HTML 6Page - Linear Technology LTM4620A_15 Datasheet HTML 7Page - Linear Technology LTM4620A_15 Datasheet HTML 8Page - Linear Technology LTM4620A_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LTM4620A
2
4620afb
For more information www.linear.com/LTM4620A
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN (Note 8).................................................–0.3V to 18V
VSW1, VSW2....................................................–1V to 18V
PGOOD1, PGOOD2, RUN1, RUN2,
INTVCC, EXTVCC .......................................... –0.3V to 6V
MODE_PLLIN, fSET, TRACK1, TRACK2,
DIFFOUT, PHASMD ............................... –0.3V to INTVCC
VOUT1, VOUT2, VOUTS1, VOUTS2 ..................... –0.3V to 6V
(Note 1)
ORDER INFORMATION
DIFFP, DIFFN ......................................... –0.3V to INTVCC
COMP1, COMP2, VFB1, VFB2 (Note 6)........ –0.3V to 2.7V
INTVCC Peak Output Current................................100mA
Internal Operating Temperature Range
(Note 2) ............................................. –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Package Body Temperature
(Mount on Top Side of PCB Only) ......................... 245°C
LGA PACKAGE
144-LEAD (15mm × 15mm × 4.41mm)
TOP VIEW
TEMP
CLKOUT
SW1
PHASMD
EXTVCC
1
2
3
4
5
6
7
8
10
9
11
12
L
K
J
H
G
F
E
D
C
B
M
A
SW2
PGOOD1
PGOOD2
RUN2
TRACK2
INTVCC
VOUTS2
DIFFP
DIFFOUT
DIFFN
RUN1
TRACK1
MODE_PLLIN
VFB1
VOUTS1
fSET
SGND
COMP1 COMP2
SGND
VFB2
VIN
VOUT2
GND
GND
VOUT1
SGND
GND
TJMAX = 125°C, θJA = 7°C/W, θJCbottom = 1.5°C/W,
θJCtop = 3.7°C/W, θJB + θBA ≅ 7°C/W
θ VALUES DEFINED PER JESD 51-12
WEIGHT = 3.037g
BGA PACKAGE
144-LEAD (15mm
× 15mm × 5.01mm)
TOP VIEW
TEMP
CLKOUT
SW1
PHASMD
EXTVCC
1
2
3
4
5
6
7
8
10
9
11
12
L
K
J
H
G
F
E
D
C
B
M
A
SW2
PGOOD1
PGOOD2
RUN2
TRACK2
INTVCC
VOUTS2
DIFFP
DIFFOUT
DIFFN
RUN1
TRACK1
MODE_PLLIN
VFB1
VOUTS1
fSET
SGND
COMP1 COMP2
SGND
VFB2
VIN
VOUT2
GND
GND
VOUT1
SGND
GND
TJMAX = 125°C, θJA = 7°C/W, θJCbottom = 1.5°C/W,
θJCtop = 3.7°C/W, θJB + θBA ≅ 7°C/W
θ VALUES DEFINED PER JESD 51-12
WEIGHT = 3.232g
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(Note 2)
DEVICE
FINISH CODE
LTM4620AEV#PBF
Au (RoHS)
LTM4620AV
e4
LGA
3
–40°C to 125°C
LTM4620AIV#PBF
Au (RoHS)
LTM4620AV
e4
LGA
3
–40°C to 125°C
LTM4620AEY#PBF
SAC305 (RoHS)
LTM4620AY
e1
BGA
3
–40°C to 125°C
LTM4620AIY#PBF
SAC305 (RoHS)
LTM4620AY
e1
BGA
3
–40°C to 125°C
LTM4620AIY
SnPb (63/37)
LTM4620AY
e0
BGA
3
–40°C to 125°C
Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking:
www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures:
www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings:
www.linear.com/packaging


Similar Part No. - LTM4620A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4620A LINER-LTM4620A Datasheet
554Kb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
LTM4620A LINER-LTM4620A Datasheet
1Mb / 36P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
logo
Linear Dimensions Semic...
LTM4620A LINEAR_DIMENSIONS-LTM4620A Datasheet
872Kb / 30P
   Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Technology
LTM4620A LINER-LTM4620A Datasheet
2Mb / 136P
   Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
LTM4620A LINER-LTM4620A Datasheet
1Mb / 32P
   20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
More results

Similar Description - LTM4620A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4620 LINER-LTM4620_15 Datasheet
657Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620 LINER-LTM4620 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4620A LINER-LTM4620A Datasheet
554Kb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A Datasheet
2Mb / 136P
   Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
LTM4630 LINER-LTM4630_15 Datasheet
643Kb / 34P
   Dual 18A or Single 36A DC/DC Module Regulator
LTM4628 LINER-LTM4628_15 Datasheet
1Mb / 36P
   Dual 8A or Single 16A DC/DC Module Regulator
LTM4630A LINER-LTM4630A Datasheet
1Mb / 38P
   Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4650AEY LINER-LTM4650AEY Datasheet
1Mb / 12P
   Dual 25A or Single 50A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com