Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4623 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4623
Description  Ultrathin 20VIN, 3A Step-Down DC/DC Module Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4623 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4623_15 Datasheet HTML 7Page - Linear Technology LTM4623_15 Datasheet HTML 8Page - Linear Technology LTM4623_15 Datasheet HTML 9Page - Linear Technology LTM4623_15 Datasheet HTML 10Page - Linear Technology LTM4623_15 Datasheet HTML 11Page - Linear Technology LTM4623_15 Datasheet HTML 12Page - Linear Technology LTM4623_15 Datasheet HTML 13Page - Linear Technology LTM4623_15 Datasheet HTML 14Page - Linear Technology LTM4623_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LTM4623
11
4623fa
For more information www.linear.com/LTM4623
The output ripple amplitude is also reduced by the number
of phases used when all of the outputs are tied together
to achieve a single high output current design.
The LTM4623 device is an inherently current mode con-
trolled device, so parallel modules will have very good
current sharing. This will balance the thermals on the
design. Please tie the RUN, TRACK/SS, FB and COMP pins
of each paralleling module together. Figure 26 shows an
example of parallel operation and pin connection.
Input RMS Ripple Current Cancellation
Application Note 77 provides a detailed explanation of
multiphase operation. The input RMS ripple current can-
cellation mathematical derivations are presented, and a
graph is displayed representing the RMS ripple current
reductionasafunctionofthenumberofinterleavedphases.
Figure 3 shows this graph.
applicaTions inForMaTion
Figure 2. 4-Phase, 6-Phase Operation
Figure 3. RMS Input Ripple Current to DC Load Current Ratio as a Function of Duty Cycle
0.75 0.8
4623 F03
0.7
0.65
0.6
0.55
0.5
0.45
0.4
0.35
0.3
0.25
0.2
0.15
0.1
0.85 0.9
DUTY FACTOR (VOUT/VIN)
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
1 PHASE
2 PHASE
3 PHASE
4 PHASE
6 PHASE
4623 F02
CLKIN
PHMODE
CLKOUT
0
90
180
270
+90
+90
+90
PHASE 4
PHASE 3
PHASE 2
PHASE 1
INTVCC/2
INTVCC/2
INTVCC/2
INTVCC/2
CLKIN
PHMODE
CLKOUT
CLKIN
PHMODE
CLKOUT
CLKIN
PHMODE
CLKOUT
CLKIN
PHMODE
CLKOUT
120
240
(420)
60
180
+120
+180
+120
PHASE 4
PHASE 2
PHASE 5
INTVCC
INTVCC
PHASE 3
CLKIN
PHMODE
CLKOUT
CLKIN
PHMODE
CLKOUT
CLKIN
PHMODE
CLKOUT
300
+120
PHASE 6
CLKIN
PHMODE
CLKOUT
0
PHASE 1
CLKIN
PHMODE
CLKOUT
+120


Similar Part No. - LTM4623_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4623EY LINER-LTM4623EY Datasheet
441Kb / 8P
   Tiny 2A DC/DC Inverting Buck-Boost 關Module Regulator
More results

Similar Description - LTM4623_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4623 LINER-LTM4623 Datasheet
401Kb / 28P
   Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
LTM4625 LINER-LTM4625_15 Datasheet
455Kb / 24P
   20VIN, 5A Step-Down DC/DC Module Regulator
logo
Analog Devices
LTM4657 AD-LTM4657 Datasheet
1Mb / 28P
   20VIN, 8A Step-Down DC/DC 關Module Regulator
logo
Linear Technology
LTM4625 LINER-LTM4625 Datasheet
1Mb / 26P
   20VIN, 5A Step-Down DC/DC 關Module Regulator
LTM4622 LINER-LTM4622_15 Datasheet
774Kb / 26P
   Dual Ultrathin 2.5A Step-Down DC/DC Module Regulator
logo
Analog Devices
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
   20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
logo
Anpec Electronics Corop...
APW7093 ANPEC-APW7093 Datasheet
728Kb / 20P
   3A, 1MHz, Step Down DC/DC Regulator
logo
Analog Devices
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
   20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
logo
Linear Technology
LTM4622 LINER-LTM4622 Datasheet
451Kb / 28P
   Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
   Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com