Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4628 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4628
Description  Dual 8A or Single 16A DC/DC Module Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4628 Datasheet(HTML) 3 Page - Linear Technology

  LTM4628_15 Datasheet HTML 1Page - Linear Technology LTM4628_15 Datasheet HTML 2Page - Linear Technology LTM4628_15 Datasheet HTML 3Page - Linear Technology LTM4628_15 Datasheet HTML 4Page - Linear Technology LTM4628_15 Datasheet HTML 5Page - Linear Technology LTM4628_15 Datasheet HTML 6Page - Linear Technology LTM4628_15 Datasheet HTML 7Page - Linear Technology LTM4628_15 Datasheet HTML 8Page - Linear Technology LTM4628_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTM4628
3
4628fe
For more information www.linear.com/LTM4628
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full internal
operating temperature range (Note 2). Specified as each individual output channel. TA = 25°C, VIN = 12V and VRUN1, VRUN2 at 5V
unless otherwise noted, per the typical application in Figure 28.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
l
4.5
26.5
V
VOUT
Output Voltage
l
0.6
5.5
V
VOUT1(DC),
VOUT2(DC)
Output Voltage, Total Variation with
Line and Load
CIN = 22µF × 3, COUT = 100µF × 1
Ceramic, 470µF POSCAP, MODE_PLLIN =
GND, RFB1, RFB2 = 40.2k, VIN = 4.5V to 26.5V,
IOUT = 0A to 8A
l
1.477
1.5
1.523
V
Input Specifications
VRUN1, VRUN2
RUN Pin On/Off Threshold
RUN Rising
1.1
1.25
1.40
V
VRUN1HYS, VRUN2HYS RUN Pin On Hysteresis
150
mV
IINRUSH(VIN)
Input Inrush Current at Start-Up
IOUT = 0A, CIN = 22µF × 3,
COUT = 100µF , 470µF POSCAP VOUT1 = 1.5V,
VOUT2 = 1.5V, VIN = 12V, TRACK = 0.01µF
1
A
IQ(VIN)
Input Supply Bias Current
VIN = 12V, VOUT = 1.5V, Burst Mode Operation
VIN = 12V, VOUT = 1.5V, Pulse-Skipping Mode
VIN = 12V, VOUT= 1.5V, Switching Continuous
Shutdown, RUN = 0, VIN = 12V
5
15
65
60
mA
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 4.75V, VOUT = 1.5V, IOUT = 8A
VIN = 12V, VOUT = 1.5V, IOUT = 8A
VIN = 26.5V, VOUT = 1.5V, IOUT = 8A
2.9
1.18
0.575
A
A
A
Output Specifications
IOUT1(DC), IOUT2(DC) Output Continuous
Current Range
VIN = 12V, VOUT = 1.5V (Note 7)
0
8
A
ΔVOUT1(LINE)/VOUT1
ΔVOUT2(LINE)/VOUT2
Line Regulation Accuracy
VOUT = 1.5V, VIN from 4.5V to 26.5V
IOUT = 0A for Each Output,
l
0.010
0.04
%/V
ΔVOUT1(LOAD)/VOUT1
ΔVOUT2(LOAD)/VOUT2
Load Regulation Accuracy
For Each Output, VOUT = 1.5V, 0A to 8A
VIN = 12V (Note 7)
l
0.15
0.3
%
VOUT1(AC), VOUT2(AC) Output Ripple Voltage
IOUT = 0A, COUT = 100µF X5R Ceramic,
470µF POSCAP
VIN = 12V, VOUT = 1.5V
15
mVP-P
fS (Each Channel)
Output Ripple Voltage Frequency
VIN = 12V, VOUT = 1.5V, fSET = 2.5V (Note 4)
780
kHz
fSYNC
(Each Channel)
SYNC Capture Range
400
780
kHz
ΔVOUTSTART
(Each Channel)
Turn-On Overshoot
COUT = 100µF X5R Ceramic, 470µF POSCAP,
VOUT = 1.5V, IOUT = 0A VIN = 12V
10
mV
tSTART
(Each Channel)
Turn-On Time
COUT = 100µF X5R Ceramic, 470µF POSCAP,
No Load, TRACK/SS with 0.01µF to GND,
VIN = 12V
5
ms
ΔVOUT(LS)
(Each Channel)
Peak Deviation for Dynamic Load
Load: 0% to 50% to 0% of Full Load
COUT = 22µF × 3 X5R Ceramic, 470µF POSCAP
VIN = 12V, VOUT = 1.5V
30
mV
tSETTLE
(Each Channel)
Settling Time for Dynamic Load Step Load: 0% to 50% to 0% of Full Load,
VIN = 12V, COUT = 100µF, COUT = 470µF
20
µs
IOUT(PK)
(Each Channel)
Output Current Limit
VIN = 12V, VOUT = 1.5V
15
A
Control Section
VFB1, VFB2
Voltage at VFB Pins
IOUT = 0A, VOUT = 1.5V
l
0.592
0.600 0.606
V
IFB1, IFB2
Leakage Current of VFB1, VFB2
(Note 6)
–5
–20
nA
VOVL
Feedback Overvoltage Lockout
l
0.64
0.66
0.68
V


Similar Part No. - LTM4628_15

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
More results

Similar Description - LTM4628_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4628 LINER-LTM4628 Datasheet
704Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4642IY LINER-LTM4642IY Datasheet
1Mb / 14P
   20VIN, DUAL 4A or SINGLE 8A DC/DC 關MODULE REGULATOR
LTM4642 LINER-LTM4642 Datasheet
1Mb / 32P
   20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
LTM4630 LINER-LTM4630_15 Datasheet
643Kb / 34P
   Dual 18A or Single 36A DC/DC Module Regulator
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620 LINER-LTM4620_15 Datasheet
657Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4630A LINER-LTM4630A Datasheet
1Mb / 38P
   Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4650AEY LINER-LTM4650AEY Datasheet
1Mb / 12P
   Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4662 LINER-LTM4662 Datasheet
581Kb / 34P
   Dual 15A or Single 30A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com