Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFRP3120 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFRP3120
Description  5MHz to 300MHz 35dB Reverse Hybrid (Low Current)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFRP3120 Datasheet(HTML) 3 Page - RF Micro Devices

  RFRP3120 Datasheet HTML 1Page - RF Micro Devices RFRP3120 Datasheet HTML 2Page - RF Micro Devices RFRP3120 Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DRAFT
DRAFT
DRAFT
DRAFT
RF Micro Devices Inc. 7628 Thorndike Road, Greensboro, NC 27409-9421
DS130917
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 3
RFRP3120
Package Outline and Pin Out


Similar Part No. - RFRP3120

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFRP3120 QORVO-RFRP3120 Datasheet
199Kb / 3P
   5MHz to 300MHz 35dB Reverse Hybrid (Low Current)
More results

Similar Description - RFRP3120

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFRP3120 QORVO-RFRP3120 Datasheet
199Kb / 3P
   5MHz to 300MHz 35dB Reverse Hybrid (Low Current)
logo
RF Micro Devices
R3005250L RFMD-R3005250L Datasheet
267Kb / 3P
   25dB Reverse Hybrid 5MHz to 300MHz (Low Current)
logo
Qorvo, Inc
R3005300L QORVO-R3005300L Datasheet
267Kb / 3P
   30dB Reverse Hybrid 5MHz to 300MHz (Low Current)
R3005250L QORVO-R3005250L Datasheet
267Kb / 3P
   25dB Reverse Hybrid 5MHz to 300MHz (Low Current)
logo
RF Micro Devices
R3005300L RFMD-R3005300L Datasheet
267Kb / 3P
   30dB Reverse Hybrid 5MHz to 300MHz (Low Current)
R2005280L RFMD-R2005280L Datasheet
265Kb / 3P
   Si Reverse Hybrid 5MHz to 200MHz (Low Current)
R2005300L RFMD-R2005300L Datasheet
264Kb / 3P
   Si Reverse Hybrid 5MHz to 200MHz (Low Current)
logo
Qorvo, Inc
R1005250L QORVO-R1005250L Datasheet
265Kb / 3P
   25dB Reverse Hybrid 5MHz to 100MHz (Low Current)
R0605250L QORVO-R0605250L Datasheet
262Kb / 3P
   25dB Reverse Hybrid 5MHz to 65MHz (Low Current)
logo
RF Micro Devices
R1005250L RFMD-R1005250L Datasheet
265Kb / 3P
   25dB Reverse Hybrid 5MHz to 100MHz (Low Current)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com