Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFRX1001SB Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFRX1001SB
Description  GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFRX1001SB Datasheet(HTML) 2 Page - RF Micro Devices

  RFRX1001SB Datasheet HTML 1Page - RF Micro Devices RFRX1001SB Datasheet HTML 2Page - RF Micro Devices RFRX1001SB Datasheet HTML 3Page - RF Micro Devices RFRX1001SB Datasheet HTML 4Page - RF Micro Devices RFRX1001SB Datasheet HTML 5Page - RF Micro Devices RFRX1001SB Datasheet HTML 6Page - RF Micro Devices RFRX1001SB Datasheet HTML 7Page - RF Micro Devices RFRX1001SB Datasheet HTML 8Page - RF Micro Devices RFRX1001SB Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131025
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 9
RFRX1001
Absolute Maximum Ratings
Parameter
Rating
Unit
LNA Drain Voltage (VD)
7
V
LOA Drain Voltage (VD)
7
V
RF Input Power
0
dBm
LO Input Power
15
dBm
TOPER
150
°C
TSTOR
-65 to +150
°C
ESD Human Body Model
Class 1A
Caution! ESD sensitive device.
RFMD Green: RoHS compliant per EU
Directive 2011/65/EU, halogen free per
IEC 61249-2-21, <1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance
RF Frequency
10.0
15.4
GHz
LO Frequency
6.0
19.4
GHz
IF Frequency
DC
4.0
GHz
LO Input Drive
0
+5
dBm
Conversion Gain
10
12
dB
Noise Figure
2.1
2.3
dB
IIP3
+4
dBm
OIP3
+16
dBm
Image Rejection
12
15
dBc
LO-RF Isolation
30
dB
LO-IF Isolation
15
dB
LO Return Loss
8
12
dB
RF Return Loss
10
15
dB
VD
4
V
ID
210
220
mA
VVA
-2
0
V
Mixer Bias
-0.8
V


Similar Part No. - RFRX1001SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFRX1002 RFMD-RFRX1002 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 9GHz to 14GHz
RFRX1002PCK-410 RFMD-RFRX1002PCK-410 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 9GHz to 14GHz
RFRX1002S2 RFMD-RFRX1002S2 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 9GHz to 14GHz
RFRX1002SB RFMD-RFRX1002SB Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 9GHz to 14GHz
RFRX1002SQ RFMD-RFRX1002SQ Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 9GHz to 14GHz
More results

Similar Description - RFRX1001SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFRX1002 RFMD-RFRX1002 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 9GHz to 14GHz
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
RFRX1701 RFMD-RFRX1701 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
NLB-310 RFMD-NLB-310_06 Datasheet
178Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
NLB-300 RFMD-NLB-300_07 Datasheet
266Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-300 RFMD-NLB-300 Datasheet
204Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310 RFMD-NLB-310 Datasheet
205Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310 RFMD-NLB-310_1 Datasheet
262Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-300 RFMD-NLB-300_13 Datasheet
1,017Kb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com