Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4644 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4644
Description  Quad DC/DC Module Regulator with Configurable 4A Output Array
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644 Datasheet(HTML) 4 Page - Linear Technology

  LTM4644_15 Datasheet HTML 1Page - Linear Technology LTM4644_15 Datasheet HTML 2Page - Linear Technology LTM4644_15 Datasheet HTML 3Page - Linear Technology LTM4644_15 Datasheet HTML 4Page - Linear Technology LTM4644_15 Datasheet HTML 5Page - Linear Technology LTM4644_15 Datasheet HTML 6Page - Linear Technology LTM4644_15 Datasheet HTML 7Page - Linear Technology LTM4644_15 Datasheet HTML 8Page - Linear Technology LTM4644_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTM4644
4
4644fb
For more information www.linear.com/LTM4644
1.0V Output Transient Response
1.5V Output Transient Response
2.5V Output Transient Response
Efficiency vs Load Current from
5VIN (One Channel Operating)
Efficiency vs Load Current from
12VIN (One Channel Operating)
DCM Mode Efficiency from
1.5VOUT
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4644 is tested under pulsed load conditions such that
TJ ≈ TA. The LTM4644E is guaranteed to meet performance specifications
over the 0°C to 125°C internal operating temperature range. Specifications
over the full –40°C to 125°C internal operating temperature range are
assured by design, characterization and correlation with statistical process
controls. The LTM4644I is guaranteed to meet specifications over the
full –40°C to 125°C internal operating temperature range. Note that the
maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board
layout, the rated package thermal resistance and other environmental
factors.
Note 3: 100% tested at wafer level.
Note 4: See output current derating curves for different VIN, VOUT and TA.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (A)
0
70
75
85
90
95
100
1
4644 G01
80
4
2
3
3.3VOUT
2.5VOUT
1.8VOUT
1.5VOUT
1.2VOUT
LOAD CURRENT (A)
0
65
70
80
85
90
95
1
4644 G02
75
4
2
3
5VOUT
3.3VOUT
2.5VOUT
1.8VOUT
1.5VOUT
1.2VOUT
LOAD CURRENT (A)
0.001
0
20
30
40
100
0.01
4644 G03
10
50
60
70
80
90
10
0.1
1
5VIN
12VIN
20µs/DIV
LOAD STEP
1A/DIV
4644 G04
VOUT
50mV/DIV
AC-COUPLED
VIN = 12V, VOUT = 1V, IOUT = 3A TO 4A, 1A/µs
CFF = 10pF
OUTPUT CAPACITOR = 1 • 47µF CERAMIC
(Per Channel)
20µs/DIV
LOAD STEP
1A/DIV
4644 G05
VOUT
50mV/DIV
AC-COUPLED
VIN = 12V, VOUT = 1.5V, IOUT = 3A TO 4A, 1A/µs
CFF = 10pF
OUTPUT CAPACITOR = 1 • 47µF CERAMIC
20µs/DIV
LOAD STEP
1A/DIV
4644 G06
VOUT
50mV/DIV
AC-COUPLED
VIN = 12V, VOUT = 2.5V, IOUT = 3A TO 4A, 1A/µs
CFF = 10pF
OUTPUT CAPACITOR = 1 • 47µF CERAMIC


Similar Part No. - LTM4644_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4644-1 LINER-LTM4644-1 Datasheet
977Kb / 36P
   Quad DC/DC 關Module Regulator with Configurable 4A Output Array
More results

Similar Description - LTM4644_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
   Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM4643EV LINER-LTM4643EV Datasheet
954Kb / 8P
   Quad DC/DC 關Module Regulator with Configurable 3A Output Array
logo
Analog Devices
LTM4671 AD-LTM4671 Datasheet
1Mb / 36P
   Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
Rev. B
logo
Linear Technology
LTM4643 LINER-LTM4643 Datasheet
567Kb / 32P
   Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
logo
Monolithic Power System...
MPM54504 MPS-MPM54504 Datasheet
1Mb / 20P
   16V, Quad DC/DC Power Module with 5A Output Array
Rev. 1.0 3/19/2021
logo
Linear Technology
LTM8027 LINER-LTM8027 Datasheet
251Kb / 20P
   60V, 4A DC/DC Module Regulator
LTM8027 LINER-LTM8027_15 Datasheet
470Kb / 22P
   60V, 4A DC/DC Module Regulator
LTM4604A LINER-LTM4604A_15 Datasheet
825Kb / 22P
   Low Voltage, 4A DC/DC Module Regulator with Tracking
LTM4604 LINER-LTM4604_15 Datasheet
613Kb / 20P
   Low Voltage, 4A DC/DC Module Regulator with Tracking
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com