Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFRX1001PCK-410 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFRX1001PCK-410
Description  GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFRX1001PCK-410 Datasheet(HTML) 3 Page - RF Micro Devices

  RFRX1001PCK-410 Datasheet HTML 1Page - RF Micro Devices RFRX1001PCK-410 Datasheet HTML 2Page - RF Micro Devices RFRX1001PCK-410 Datasheet HTML 3Page - RF Micro Devices RFRX1001PCK-410 Datasheet HTML 4Page - RF Micro Devices RFRX1001PCK-410 Datasheet HTML 5Page - RF Micro Devices RFRX1001PCK-410 Datasheet HTML 6Page - RF Micro Devices RFRX1001PCK-410 Datasheet HTML 7Page - RF Micro Devices RFRX1001PCK-410 Datasheet HTML 8Page - RF Micro Devices RFRX1001PCK-410 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131025
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 9
RFRX1001
Typical Electrical Performance
Measurements performed with I and Q ports connected to an external 90° Hybrid Combiner and
Bias Voltage of +4V, and LO Power of +5dBm, unless otherwise stated


Similar Part No. - RFRX1001PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFRX1002 RFMD-RFRX1002 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 9GHz to 14GHz
RFRX1002PCK-410 RFMD-RFRX1002PCK-410 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 9GHz to 14GHz
RFRX1002S2 RFMD-RFRX1002S2 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 9GHz to 14GHz
RFRX1002SB RFMD-RFRX1002SB Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 9GHz to 14GHz
RFRX1002SQ RFMD-RFRX1002SQ Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 9GHz to 14GHz
More results

Similar Description - RFRX1001PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFRX1002 RFMD-RFRX1002 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 9GHz to 14GHz
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
RFRX1701 RFMD-RFRX1701 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
NLB-310 RFMD-NLB-310_06 Datasheet
178Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
NLB-300 RFMD-NLB-300_07 Datasheet
266Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-300 RFMD-NLB-300 Datasheet
204Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310 RFMD-NLB-310 Datasheet
205Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310 RFMD-NLB-310_1 Datasheet
262Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-300 RFMD-NLB-300_13 Datasheet
1,017Kb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com